Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6402 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMSW6402
Description  FMSW6402 DATA SHEET Transfer Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6402 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMSW6402 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Environmental Specifications
Temperature
Operating Range
-25 to +70 deg C
Storage Range
-55 to +100 deg C
Shock
MIL-STD-202 Method 213, Cond. D 500G Non Operating
Vibration
MIL-STD-202 Method 214, Cond. D 10G RMS Non Operating
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
0
2
4
5
7
9
11
13
14
16
18
GHz
VSWR
-3.00
-2.70
-2.40
-2.10
-1.80
-1.50
-1.20
-0.90
-0.60
-0.30
0.00
0.00
1.80
3.60
5.40
7.20
9.00
10.80
12.60
14.40
16.20
18.00
dB
GHz
Insertion Loss
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 5
FMSW6402
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com