Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6402 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSW6402
Description  FMSW6402 DATA SHEET Transfer Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6402 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSW6402 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6402 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.0 Page 1 of 5
Copyright © 2017
The FMSW6402 is a Transfer (DPDT) electromechanical relay switch that operates
across a wide frequency range of DC to 18 GHz and can handle up to 90 Watts of
CW input power in a break before make condition. The design features a Latching
actuator with 1W Indicators, and is rated for 5M life cycles for high reliability
operation. Insertion loss is specified as low as 0.2 dB maximum and Isolation up
to 70 dB minimum. Operating voltage is +28 V and performance is guaranteed
over -25°C to +70°C. The rugged and compact package assembly supports SMA
Female connectors and Solder Pins for DC Control. The model is guaranteed to
meet MIL-STD-202 environmental test conditions for shock and random vibration.
Electrical Specifications
Switch Type
Transfer
Actuator Type
Latching
Switching Sequence
Break before Make
Actuator Options
Indicators
Indicator Rating
1 Watts / 32 Volts / 125 mA
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Operating Voltage
26
28
30
Volts
Actuating Current @ 28 Volts
90
mA
VSWR
1.2:1
1.4:1
Insertion Loss
0.2
0.5
dB
Insertion Loss Repeatability
Isolation
60
70
dB
Input Power (CW)
60
Watts
Switching Time
20
ms
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range DC - 6
6 - 12
12 - 18
GHz
VSWR, Max
1.2:1
1.3:1
1.4:1
Insertion Loss, Max
0.2
0.3
0.5
dB
Isolation, Min
70
60
60
dB
Power In, Typ (CW)
90
75
60
Watts
Mechanical Specifications
Size
.
Package Type
Connectorized
.
Operating Life
5,000,000 Cycles
Connectors
RF Connector Type
SMA Female
Control Connector
Solder Pin
FMSW6402
DATA SHEET
Transfer Latching DC to 18 GHz Electro-Mechanical
Relay Switch, Indicators, up to 90W, 28V, SMA
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Tranfer (DPDT)
• DC to 18 GHz Frequency Range
• Isolation greater than
70 dB typical
• 5M Cycle Min Operating Life
• +28 Volt DC
• 90 Watt average Power
• Latching Actuator
• 1 Watt Indicators
• -25 to +70°C Operating
Temperature
• Insertion Loss as low
as 0.2 dB Max
• VSWR as low as 1.2:1 max
• SMA Female RF connectors
• Solder Pins for DC Control
• Hot Switching Capability
- Consult Factory
• S-Parameter Data
available upon request
Applications:
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement


Similar Part No. - FMSW6402

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6403 FAIRVIEW-FMSW6403 Datasheet
822Kb / 7P
Transfer Failsafe DC to 12 GHz Electro- Mechanical Relay Switch, up to 600W, 28V, N
REV 1.2
FMSW6404 FAIRVIEW-FMSW6404 Datasheet
834Kb / 7P
SPDT Failsafe DC to 18 GHz Terminated Electro- Mechanical Relay Switch, up to 90W, 28V, SMA
REV 1.3
FMSW6405 FAIRVIEW-FMSW6405 Datasheet
899Kb / 7P
FMSW6405 DATA SHEET DP3T Latching DC to 18 GHz Electro-Mechanical Relay Switch, Indicators, up to 90W, 28V, SMA
REV 1.2
FMSW6406 FAIRVIEW-FMSW6406 Datasheet
779Kb / 5P
FMSW6406 DATA SHEET SPDT Latching DC to 18 GHz Terminated Electro-Mechanical Relay Switch, Indicators, up to 90W, 24V, SMA
REV 1.0
FMSW6407 FAIRVIEW-FMSW6407 Datasheet
778Kb / 5P
SPDT Latching DC to 18 GHz Terminated Electro-Mechanical Relay Switch, Indicators, TTL, up to 90W, 28V, SMA
REV 1.0
More results

Similar Description - FMSW6402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7145 PASTERNACK-PE7145 Datasheet
274Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS & PULSE LATCHING
PE7146 PASTERNACK-PE7146 Datasheet
273Kb / 1P
SMA SPDT RELAY SWITCH, INDICATORS & PULSE LATCHING
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE7152 PASTERNACK-PE7152 Datasheet
304Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS & PULSE LATCHING
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6054 PASTERNACK-PE71S6054 Datasheet
393Kb / 4P
SPDT Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator with Indicators, Latching, Normally Open
PE71S6062 PASTERNACK-PE71S6062 Datasheet
397Kb / 4P
Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
PE71S6304 PASTERNACK-PE71S6304 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com