Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6348 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6348 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6348
Download  FMSW6348 Download
File Size   616.45 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The Right Parts, Right Away SPDT Failsafe DC to 12 GHz Electro-Mechanical Relay Switch, up to 600W, 12V, N, 2M Lifecycles

FMSW6348 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6348 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6348
Download  FMSW6348 Click to download

File Size   616.45 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description The Right Parts, Right Away SPDT Failsafe DC to 12 GHz Electro-Mechanical Relay Switch, up to 600W, 12V, N, 2M Lifecycles

FMSW6348 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6348 Product details

Features
• Single Pole Double Throw
• DC to 12 GHz Frequency Range
• Isolation greater than 90 dB typical
• 2M Cycle Min Operating Life
• +12 Volt DC
• 600 Watt average Power
• Failsafe Actuator
• -25 to +70°C Operating Temperature
• Insertion Loss as low as 0.3 dB Max
• VSWR as low as 1.4:1 max
• N Female RF connectors
• DB-9 Connector for DC Control
• Hot Switching Capability - Consult Factory
• S-Parameter Data available upon request
• Applications
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement
• Description
• The FMSW6348 is a Single Pole Double Throw (SPDT) electromechanical relay switch that operates across a wide frequency range of DC
Features
• is rated for 2M life cycles for high reliability operation. Impressive performance includes insertion loss less than 0.3 dB typical and isolation
• greater than 90 dB typical. The Failsafe actuator has a +12 Vdc bias voltage, and operates over a temperature range of -25°C to +70°C.
• The rugged and compact package assembly supports N Female connectors and a DB-9 Connector for DC Control. And for highly reliable
• operation, the model is guranteed to meet MIL-STD-202 environmental test conditions for shock and random vibration.




Similar Part No. - FMSW6348

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6347 FAIRVIEW-FMSW6347 Datasheet
797Kb / 8P
SPDT Failsafe DC to 18 GHz Electro-Mechanical Relay Switch, up to 90W, 12V, SMA
REV B
FMSW6349 FAIRVIEW-FMSW6349 Datasheet
739Kb / 6P
FMSW6349 DATA SHEET SPDT Latching DC to 12 GHz Electro-Mechanical Relay Switch, up to 600W, 12V, N
REV 1.2A
More results


Similar Description - FMSW6348

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7147 PASTERNACK-PE7147 Datasheet
238Kb / 1P
N SPDT RELAY SWITCH FAILSAFE
PE7148 PASTERNACK-PE7148 Datasheet
239Kb / 1P
N SPDT RELAY SWITCH, FAILSAFE
PE71S6058 PASTERNACK-PE71S6058 Datasheet
386Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N,
PE71S6059 PASTERNACK-PE71S6059 Datasheet
386Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6107 PASTERNACK-PE71S6107 Datasheet
454Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6164 PASTERNACK-PE71S6164 Datasheet
409Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com