Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW6348 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSW6348
Description  The Right Parts, Right Away SPDT Failsafe DC to 12 GHz Electro-Mechanical Relay Switch, up to 600W, 12V, N, 2M Lifecycles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6348 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW6348 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6348 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6348 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6348 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6348 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW6348 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW6348 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
4
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SPDT Failsafe DC to 12 GHz Electro-Mechanical
Relay Switch, up to 600W, 12V, N, 2M Lifecycles
FMSW6348
-120
-114
-108
-102
-96
-90
-84
-78
-72
-66
-60
0.00
1.20
2.40
3.60
4.80
6.00
7.20
8.40
9.60
10.80
12.00
dB
GHz
Isolation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com