Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50-14275 Datasheet (PDF) - Pro-Signal

50-14275 Datasheet PDF - Pro-Signal
Part # 50-14275
Download  50-14275 Download
File Size   122.62 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Tilt Swivel and Rotate Wall Mount for Monitor

50-14275 Datasheet (PDF)

Go To PDF Page Download Datasheet
50-14275 Datasheet PDF - Pro-Signal

Part # 50-14275
Download  50-14275 Click to download

File Size   122.62 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Tilt Swivel and Rotate Wall Mount for Monitor

50-14275 Datasheet (HTML) - Pro-Signal


50-14275 Product details

Features
•
Adjust the rotation of the LCD screen 360 degrees. (right or left, up or down)
•
Firmly fix onto the wall
•
Meets with VESA mounting standard 75mm×75mm or 100mm×100mm
•
Holds LCD screen up to 22lbs.

Description
Tilt Swivel and Rotate Wall Mount for Monitor, up to 22lbs.




Similar Part No. - 50-14275

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
50-14791 PROSIGNAL-50-14791 Datasheet
143Kb / 1P
Universal Swivel TV Stand 32” to 47” Flat Screen TV
V1.0 25/09/19
50-14791. PROSIGNAL-50-14791. Datasheet
143Kb / 1P
Universal Swivel TV Stand 32” to 47” Flat Screen TV
V1.0 25/09/19
50-14796 PROSIGNAL-50-14796 Datasheet
253Kb / 1P
Universal Swivel TV Stand for 40” to 55” Flat Screen TVs
V1.1 28/02/24
More results


Similar Description - 50-14275

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWT4585X TRIPPLITE-DWT4585X Datasheet
503Kb / 2P
Tilt Wall-Mount for 45 to 85 Flat-Screen Displays
DWT60100XX TRIPPLITE-DWT60100XX Datasheet
506Kb / 2P
Tilt Wall Mount for 60 to 100 Flat-Screen Displays
DWM3750S TRIPPLITE-DWM3750S Datasheet
510Kb / 3P
Swivel/Tilt/Rotate Wall Mount for 37 to 50 TVs and Monitors
DWT3780XUL TRIPPLITE-DWT3780XUL Datasheet
165Kb / 3P
Heavy-Duty Tilt Wall Mount for 37 to 80 and Monitors, Flat or Curved Screens, UL Certified
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com