Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50-14796 Datasheet (PDF) - Pro-Signal

50-14796 Datasheet PDF - Pro-Signal
Part # 50-14796
Download  50-14796 Download
File Size   253.64 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Universal Swivel TV Stand for 40” to 55” Flat Screen TVs

50-14796 Datasheet (PDF)

Go To PDF Page Download Datasheet
50-14796 Datasheet PDF - Pro-Signal

Part # 50-14796
Download  50-14796 Click to download

File Size   253.64 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Universal Swivel TV Stand for 40” to 55” Flat Screen TVs

50-14796 Datasheet (HTML) - Pro-Signal


50-14796 Product details

Features
•
3 stage height adjustments accommodate several sizes of flat screens and for a better
viewing height.
•
Freely tilt allows easy angle adjustment
•
Screw-In clamps and end caps keep your TV and VESA brackets safely attached to the cross-bar.
•
Bottom side pads protect table top surfaces from scratching.
•
Swivelling joint offers maximum viewing flexibility
•
Sleek tempered glass shelf stores your cable TV box, satellite receiver, gaming consoles.
•
Cable clip routes cables to reduce clutter for a clean look and more organized place.

Description
Universal Swivel TV Stand for 40″ to 55″ Flat Screen TVs




Similar Part No. - 50-14796

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
50-14791 PROSIGNAL-50-14791 Datasheet
143Kb / 1P
Universal Swivel TV Stand 32” to 47” Flat Screen TV
V1.0 25/09/19
50-14791. PROSIGNAL-50-14791. Datasheet
143Kb / 1P
Universal Swivel TV Stand 32” to 47” Flat Screen TV
V1.0 25/09/19
More results


Similar Description - 50-14796

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF2655X TRIPPLITE-DWF2655X Datasheet
510Kb / 2P
Fixed Wall-Mount for 26 to 55 Flat-Screen Displays
DWM2655M TRIPPLITE-DWM2655M Datasheet
521Kb / 2P
Full-Motion Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT2655XP TRIPPLITE-DWT2655XP Datasheet
519Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DDR1527SDC TRIPPLITE-DDR1527SDC Datasheet
493Kb / 3P
Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays
DDR1327SDD TRIPPLITE-DDR1327SDD Datasheet
166Kb / 3P
Dual-Monitor Desktop Mount Stand for 13" to 27" Flat-Screen Displays
DWFPSC4570M TRIPPLITE-DWFPSC4570M Datasheet
167Kb / 3P
Heavy-Duty Fixed Security TV Wall Mount for 45-70 TVs & Monitors - Flat Screen, Portrait Mode
DWTPSC4555M TRIPPLITE-DWTPSC4555M Datasheet
168Kb / 3P
Heavy-Duty Tilt Security TV Wall Mount for 45-55 TVs & Monitors - Flat Screen, Portrait Mode
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
DMCVW4555X4 TRIPPLITE-DMCVW4555X4 Datasheet
170Kb / 2P
Mobile Quad-Screen Video Wall ??For Four 45" to 55" TVs and Monitors, Heavy Duty
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com