Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6659 Datasheet (PDF) - Renesas Technology Corp

FN6659 Datasheet PDF - Renesas Technology Corp
Part # FN6659
Download  FN6659 Download
File Size   1274.69 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving

FN6659 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN6659 Datasheet PDF - Renesas Technology Corp

Part # FN6659
Download  FN6659 Click to download

File Size   1274.69 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving

FN6659 Datasheet (HTML) - Renesas Technology Corp


FN6659 Product details

• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes and Seconds
- Day of the Week, Day, Month, and Year
• On-chip Oscillator Compensation Over the Operating
Temperature Range
- ±5ppm Over -40°C to +85°C
• 10-bit Digital Temperature Sensor Output
- ±2°C Accuracy
• Customer Programmable Day Light Saving Time
• 15 Selectable Frequency Outputs
• 1 Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Battery Reseal™ Function to Extend Battery Shelf Life
• Automatic Backup to Battery or Super Capacitor
- Operation to VBAT = 1.8V
- 1.0μA Battery Supply Current
• Battery Status Monitor
- 2 User Programmable Levels
- Seven Selectable Voltages for Each Level
• Power Status Brownout Monitor
- Six Selectable Trip Levels, from 2.295V to 4.675V
• Oscillator Failure Detection
• Time Stamp for First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
• I2C Bus™
- 400kHz Clock Frequency
• 1μA Typical Battery Current
• Pb-Free (RoHS Compliant)




Similar Part No. - FN6659

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN660-1 ETC2-FN660-1 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-10 ETC2-FN660-10 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-16 ETC2-FN660-16 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-20 ETC2-FN660-20 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
More results


Similar Description - FN6659

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
February 11, 2010
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022M RENESAS-ISL12022M_V01 Datasheet
1Mb / 33P
Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
ISL12022 RENESAS-ISL12022_V01 Datasheet
1Mb / 32P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com