Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2702-1 Datasheet (PDF) - Renesas Technology Corp

PS2702-1 Datasheet PDF - Renesas Technology Corp
Part # PS2702-1
Download  PS2702-1 Download
File Size   5245.2 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES

PS2702-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2702-1 Datasheet PDF - Renesas Technology Corp

Part # PS2702-1
Download  PS2702-1 Click to download

File Size   5245.2 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES

PS2702-1 Datasheet (HTML) - Renesas Technology Corp


PS2702-1 Product details

• High current transfer ratio (CTR = 2 000 % TYP.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Small and thin (SOP) package
• High-speed switching (tr = 70 μs TYP., tf = 60 μs TYP.)
• Embossed tape product: PS2702-1-F3: 3 500 pcs/ree
• Safety standards
• UL approved: UL 1577, Single protection
• CSA approved: CSA C22.2 No. 62368-1, Basic/Supplementary insulation
• BSI approved: BS EN IEC 62368-1, Basic/Supplementary insulation
• VDE approved: DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS2702-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2702-1 NEC-PS2702-1 Datasheet
113Kb / 12P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
logo
California Eastern Labs
PS2702-1-A CEL-PS2702-1-A Datasheet
373Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2702-1-F3 CEL-PS2702-1-F3 Datasheet
373Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2702-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2701-1 NEC-PS2701-1 Datasheet
109Kb / 12P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2702-1 NEC-PS2702-1 Datasheet
113Kb / 12P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2701-1 CEL-PS2701-1 Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1_15 Datasheet
253Kb / 15P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com