Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV01485 Datasheet (PDF) - Pro-Signal

AV01485 Datasheet PDF - Pro-Signal
Part # AV01485
Download  AV01485 Download
File Size   196.33 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Curly Microphone Cable

AV01485 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV01485 Datasheet PDF - Pro-Signal

Part # AV01485
Download  AV01485 Click to download

File Size   196.33 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Curly Microphone Cable

AV01485 Datasheet (HTML) - Pro-Signal


AV01485 Product details

Description
Cable for connecting microphones to radio communication, audio/visual and other equipment. The cables are supplied with bare ends. This is 5 core cable, of which one is screened. Length is 6 meter (19ft).

Description
Curly Microphone Cable Unscreened, 5 Core, 6m, Black




Similar Part No. - AV01485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01 ETC1-AV01 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
logo
Veris. All Rights Reser...
AV01 VERIS-AV01 Datasheet
371Kb / 1P
SNAPTRACK
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
Veris. All Rights Reser...
AV01_AV02_AV03_AV04 VERIS-AV01_AV02_AV03_AV04 Datasheet
371Kb / 1P
SNAPTRACK
More results


Similar Description - AV01485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2000 ETC2-MC2000 Datasheet
77Kb / 1P
Professional Microphone Cable - XL
logo
Knowles Electronics
FG-23629-P16 KNOWLES-FG-23629-P16 Datasheet
103Kb / 2P
MICROPHONE / CABLE
FG-23652-P16 KNOWLES-FG-23652-P16 Datasheet
103Kb / 2P
MICROPHONE / CABLE
FG-23742-D36 KNOWLES-FG-23742-D36 Datasheet
98Kb / 2P
MICROPHONE / CABLE
WP-23502-P07 KNOWLES-WP-23502-P07 Datasheet
144Kb / 2P
MICROPHONE & CABLE
WP-23502-P16 KNOWLES-WP-23502-P16 Datasheet
146Kb / 2P
MICROPHONE & CABLE
logo
Belden Inc.
1804A BELDEN-1804A Datasheet
241Kb / 2P
Microphone Cable
46349CH BELDEN-46349CH Datasheet
286Kb / 2P
MICROPHONE CABLE 24 AWG FRNC/LSZH-C
12-20-2022
8410 BELDEN-8410 Datasheet
147Kb / 2P
Microphone Cable, 1 Conductor 25 AWG, TC
12-20-2022
BE46349 BELDEN-BE46349 Datasheet
288Kb / 2P
MICROPHONE CABLE 24 AWG PVC
03-04-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com