Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV01485 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV01485
Description  Curly Microphone Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV01485 Datasheet(HTML) 1 Page - Pro-Signal

  AV01485 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
13/01/21
Curly Microphone Cable
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Cable for connecting microphones to radio communication, audio/visual and other equipment. The cables are supplied with
bare ends. This is 5 core cable, of which one is screened. Length is 6 meter (19ft).
Part Number Table
Description
Part Number
Curly Microphone Cable Unscreened, 5 Core, 6m, Black
AV01485
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - AV01485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01 ETC1-AV01 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
logo
Veris. All Rights Reser...
AV01 VERIS-AV01 Datasheet
371Kb / 1P
SNAPTRACK
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
Veris. All Rights Reser...
AV01_AV02_AV03_AV04 VERIS-AV01_AV02_AV03_AV04 Datasheet
371Kb / 1P
SNAPTRACK
More results

Similar Description - AV01485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2000 ETC2-MC2000 Datasheet
77Kb / 1P
Professional Microphone Cable - XL
logo
Knowles Electronics
FG-23629-P16 KNOWLES-FG-23629-P16 Datasheet
103Kb / 2P
MICROPHONE / CABLE
FG-23652-P16 KNOWLES-FG-23652-P16 Datasheet
103Kb / 2P
MICROPHONE / CABLE
FG-23742-D36 KNOWLES-FG-23742-D36 Datasheet
98Kb / 2P
MICROPHONE / CABLE
WP-23502-P07 KNOWLES-WP-23502-P07 Datasheet
144Kb / 2P
MICROPHONE & CABLE
WP-23502-P16 KNOWLES-WP-23502-P16 Datasheet
146Kb / 2P
MICROPHONE & CABLE
logo
Belden Inc.
1804A BELDEN-1804A Datasheet
241Kb / 2P
Microphone Cable
46349CH BELDEN-46349CH Datasheet
286Kb / 2P
MICROPHONE CABLE 24 AWG FRNC/LSZH-C
12-20-2022
8410 BELDEN-8410 Datasheet
147Kb / 2P
Microphone Cable, 1 Conductor 25 AWG, TC
12-20-2022
BE46349 BELDEN-BE46349 Datasheet
288Kb / 2P
MICROPHONE CABLE 24 AWG PVC
03-04-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com