Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250023 Datasheet (PDF) - Pro-Signal

CAC250023 Datasheet PDF - Pro-Signal
Part # CAC250023
Download  CAC250023 Download
File Size   249.17 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Type A Plug to Type A Receptacle

CAC250023 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAC250023 Datasheet PDF - Pro-Signal

Part # CAC250023
Download  CAC250023 Click to download

File Size   249.17 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Type A Plug to Type A Receptacle

CAC250023 Datasheet (HTML) - Pro-Signal


CAC250023 Product details

Description
Type A Plug to Type A Receptacle, Blue, 3m




Similar Part No. - CAC250023

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250023. PROSIGNAL-CAC250023. Datasheet
242Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
More results


Similar Description - CAC250023

ManufacturerPart #DatasheetDescription
logo
FCI connector
10029449 FCI-CONNECTOR-10029449 Datasheet
394Kb / 4P
HDMI TYPE A RECEPTACLE
logo
Yamaichi Electronics Co...
USB-APOWER-001-01 YAMAICHI-USB-APOWER-001-01 Datasheet
118Kb / 2P
USB , Type A with Power Receptacle / Plug
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Molex Electronics Ltd.
1110150200 MOLEX1-1110150200 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 1.00m Length, Polarization A
1110150300 MOLEX1-1110150300 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 1.50m Length, Polarization A
logo
VITALCONN ELECTRONICS H...
HAM10AXLB01 VITALCONN-HAM10AXLB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
HSM10AXLB01 VITALCONN-HSM10AXLB01 Datasheet
167Kb / 1P
HDMI A/M TYPE PLUG
logo
Molex Electronics Ltd.
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com