Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAC250023 Datasheet(PDF) 1 Page - Pro-Signal

Part # CAC250023
Description  Type A Plug to Type A Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

CAC250023 Datasheet(HTML) 1 Page - Pro-Signal

  CAC250023 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
11/10/22
Type A Plug to Type A Receptacle
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
Connector to Connector
: Type A Plug to Type A Receptacle
USB Standard
: USB 3.0
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Cable Length
: 3m (9.8ft)
Jacket Colour
: Blue
No
Description
Qty. Unit
1
USB 3.0~UL2725~(28AWG×1P+EAM)×2C+(28AWG×1P+AL)
+28AWG×2C+AEB 65% AL OD:5.5 Blue
3
m
2
USB 3.0 A (M) 9P Connector
1
PC
3
USB 3.0 A (M) Tin plate
4
USB 3.0 A (M) Tin plate
5
USB 3.0 AF 9 Pin Connector
6
45P Blue PVC
20
g
7
USB 3.0 A (M) Tee Connector
1
PC
8
USB 3.0 AF Tee Connector
9
Heat Shrinkable Casing
0.012
m
10
PE Low density
5
g
Diagram
Part Number Table
Description
Part Number
Type A Plug to Type A Receptacle, Blue, 3m CAC250023
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - CAC250023

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
CAC250023. PROSIGNAL-CAC250023. Datasheet
242Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
More results

Similar Description - CAC250023

ManufacturerPart #DatasheetDescription
logo
FCI connector
10029449 FCI-CONNECTOR-10029449 Datasheet
394Kb / 4P
HDMI TYPE A RECEPTACLE
logo
Yamaichi Electronics Co...
USB-APOWER-001-01 YAMAICHI-USB-APOWER-001-01 Datasheet
118Kb / 2P
USB , Type A with Power Receptacle / Plug
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Molex Electronics Ltd.
1110150200 MOLEX1-1110150200 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 1.00m Length, Polarization A
1110150300 MOLEX1-1110150300 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 1.50m Length, Polarization A
logo
VITALCONN ELECTRONICS H...
HAM10AXLB01 VITALCONN-HAM10AXLB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
HSM10AXLB01 VITALCONN-HSM10AXLB01 Datasheet
167Kb / 1P
HDMI A/M TYPE PLUG
logo
Molex Electronics Ltd.
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com