Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP-E6SC Datasheet (PDF) - ams-OSRAM AG

LCP-E6SC Datasheet PDF - ams-OSRAM AG
Part # LCP-E6SC
Download  LCP-E6SC Download
File Size   1733.75 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 2 | Version 1.6 | 2022-08-04

LCP-E6SC Datasheet (PDF)

Go To PDF Page Download Datasheet
LCP-E6SC Datasheet PDF - ams-OSRAM AG

Part # LCP-E6SC
Download  LCP-E6SC Click to download

File Size   1733.75 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 2 | Version 1.6 | 2022-08-04

LCP-E6SC Datasheet (HTML) - ams-OSRAM AG


LCP-E6SC Product details

Applications
- Ambient Lighting
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white PLCC-4 package, colored diffused silicone resin
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.39, Cy = 0.58 acc. to CIE 1931 (● pure green)
- Corrosion Robustness Class: 1B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LCP-E6SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCP-04 ETC2-LCP-04 Datasheet
66Kb / 4P
Disconnectable Crimp style connectors
logo
Delta Electronics, Inc.
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250A4QSRA DELTA-LCP-1250A4QSRA Datasheet
309Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
More results


Similar Description - LCP-E6SC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-134604-01 SAMTEC-ASP-134604-01 Datasheet
785Kb / 4P
1. VITA 57 CONNECTOR.2. FILL ROWS 03, 04, 07 & -08 ONLY
logo
Jauch Quartz Gmbh
JTX210 JAUCH-JTX210 Datasheet
257Kb / 2P
4 Pad Version 1.6 x 1.2 mm
JXS11 JAUCH-JXS11 Datasheet
158Kb / 2P
4 Pad Version 1.6 x 1.2 mm
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
04-SRJ10
logo
P-tec Corporation
PL00130-WCY22 P-TEC-PL00130-WCY22 Datasheet
31Kb / 1P
Flat lens thin package 1.6 x .08 x 0.8mm
logo
Tyco Electronics
1003800-5 MACOM-1003800-5 Datasheet
915Kb / 10P
Accelerometer ACH-04-08-05
logo
Wurth Elektronik GmbH &...
428527320908 WURTH-428527320908 Datasheet
107Kb / 1P
WS-ROTV 10x10 Rotary Switch, 08 position, THT version
428527520908 WURTH-428527520908 Datasheet
107Kb / 1P
WS-ROTV 10x10 Rotary Switch, 08 position, THT version
428527520909 WURTH-428527520909 Datasheet
107Kb / 1P
WS-ROTV 10x10 Rotary Switch, 08 position, THT version
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com