Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP-E6SC Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LCP-E6SC
Description  2 | Version 1.6 | 2022-08-04
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCP-E6SC Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LCP-E6SC Datasheet HTML 6Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 7Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 8Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 9Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 10Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 11Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 12Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 13Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LCP E6SC
DATASHEET
DATASHEET
10 | Version 1.6 | 2022-08-04
Forward current 7), 8)
I
F = f(VF); TS = 25 °C
2,6 2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
1
5
10
50
ΙF [mA]
Relative Luminous Intensity 7), 8)
I
v/Iv(30 mA) = f(IF); TS = 25 °C
15 10
50
ΙF [mA]
0,05
0,1
0,2
0,3
0,4
0,5
1
2
ΙV
ΙV (30mA)
Chromaticity Coordinate Shift 7)
ΔCx, ΔCy = f(I
F); TS = 25 °C
-0.018
0
IF
OHL02761
mA
Cx,
∆∆Cy
20
40
60
100
-0.012
-0.006
0
0.006
0.012
0.018
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com