Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP-E6SC Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LCP-E6SC
Description  2 | Version 1.6 | 2022-08-04
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCP-E6SC Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LCP-E6SC Datasheet HTML 8Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 9Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 10Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 11Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 12Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 13Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 14Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 15Page - ams-OSRAM AG LCP-E6SC Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LCP E6SC
DATASHEET
DATASHEET
12 | Version 1.6 | 2022-08-04
Max. Permissible Forward Current
I
F = f(T)
OHL02463
0
0
I
mA
F
˚C
T
5
10
15
20
25
30
35
40
45
50
55
20
40
60
80 100
120
temp. ambient
temp. solder point
T
TS
A
A
TTS
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C
0
0.05
0.10
0.15
-5
0.20
0.25
F
I
0.35
A
tP
=
D T
tp
s
0.2
0.5
0.05
1
0.1
OHL01548
0.02
0.005
0.01
=
D
T
tP
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
0
0.05
0.10
0.15
-5
0.20
0.25
F
I
0.35
A
tP
=
D T
tp
s
0.2
0.5
0.05
1
0.1
OHL01547
0.02
0.005
0.01
=
D
T
tP
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com