Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTB-N7WM Datasheet (PDF) - ams-OSRAM AG

LE-RTB-N7WM Datasheet PDF - ams-OSRAM AG
Part # LE-RTB-N7WM
Download  LE-RTB-N7WM Download
File Size   2425.56 Kbytes
Page   28 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR™ Projection Compact

LE-RTB-N7WM Datasheet (PDF)

Go To PDF Page Download Datasheet
LE-RTB-N7WM Datasheet PDF - ams-OSRAM AG

Part # LE-RTB-N7WM
Download  LE-RTB-N7WM Click to download

File Size   2425.56 Kbytes
Page   28 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR™ Projection Compact

LE-RTB-N7WM Datasheet (HTML) - ams-OSRAM AG


LE-RTB-N7WM Product details

Applications
- Projection & display
Features
- Package: compact lightsource in multi chip SMT technology with glass window on top
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 617 nm (● red); λdom = 530 nm (● true green); λdom = 465 nm (● blue)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LE-RTB-N7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUW-S2W OSRAM-LE-RTDUW-S2W Datasheet
983Kb / 23P
compact lightsource in SMT technology with glass window on top
logo
ams-OSRAM AG
LE-RTDUW-S2W AMSOSRAM-LE-RTDUW-S2W Datasheet
1Mb / 27P
OSRAM OSTAR® Stage
2020-07-15
LE-RTDUW-S2WM AMSOSRAM-LE-RTDUW-S2WM Datasheet
3Mb / 28P
OSRAM OSTAR® Stage
2022-08-22
logo
OSRAM GmbH
LE-RTDUW-S2WP OSRAM-LE-RTDUW-S2WP Datasheet
1Mb / 24P
compact lightsource in SMT technology with glass window on top
LE-RTDUWS-2W OSRAM-LE-RTDUWS-2W Datasheet
820Kb / 24P
compact lightsource in multi chip SMT technology with glass window on top
More results


Similar Description - LE-RTB-N7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
LEAQ9WN OSRAM-LEAQ9WN_17 Datasheet
722Kb / 22P
OSRAM OSTAR Projection Compact
LERQ8WP OSRAM-LERQ8WP Datasheet
860Kb / 23P
OSRAM OSTAR Projection Compact
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com