Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTB-N7WM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LE-RTB-N7WM
Description  OSRAM OSTAR™ Projection Compact
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTB-N7WM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LE-RTB-N7WM Datasheet HTML 2Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 3Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 4Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 5Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 6Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 7Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 8Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 9Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LE RTB N7WM
DATASHEET
DATASHEET
6 | Version 1.10 | 2026-03-11
Brightness Groups
● red
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 350 mA
I
F = 350 mA
min.
max.
Φ
V
Φ
V
JX
45 lm
52 lm
JY
52 lm
61 lm
JZ
61 lm
71 lm
Brightness Groups
● true green
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 350 mA
I
F = 350 mA
min.
max.
Φ
V
Φ
V
KX
71 lm
82 lm
KY
82 lm
97 lm
KZ
97 lm
112 lm
Brightness Groups
● blue
Group
Radiant Flux 1)
Radiant Flux 1)
I
F = 350 mA
I
F = 350 mA
min.
max.
Φ
E
Φ
E
3T
355 mW
400 mW
4T
400 mW
450 mW
1U
450 mW
500 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com