Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-RTB-N7WM Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LE-RTB-N7WM
Description  OSRAM OSTAR™ Projection Compact
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTB-N7WM Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LE-RTB-N7WM Datasheet HTML 8Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 9Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 10Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 11Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 12Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 13Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 14Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 15Page - ams-OSRAM AG LE-RTB-N7WM Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LE RTB N7WM
DATASHEET
DATASHEET
12 | Version 1.10 | 2026-03-11
Relative Luminous Flux 4), 6)
Φ
v/Φv(350 mA) = f(IF); TJ = 25 °C
LE RTBN7WM
IF /mA
0.0
0.5
1.0
1.5
2.0
2.5
ΦV
ΦV(350mA)
:red
Relative Luminous Flux 4), 6)
Φ
v/Φv(350 mA) = f(IF); TJ = 25 °C
LE RTBN7WM
IF /mA
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(350mA)
:truegreen
Relative Radiant Power 4), 6)
Φ
E/ΦE(350 mA) = f(IF); TJ = 25 °C
LE RTBN7WM
IF /mA
0.0
0.5
1.0
1.5
2.0
2.5
Φe
Φe(350mA)
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com