Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDAE40PA/SW Datasheet (PDF) - Hylec-APL Ltd. All rights reserved.

JDAE40PA/SW Datasheet PDF - Hylec-APL Ltd. All rights reserved.
Part # JDAE40PA/SW
Download  JDAE40PA/SW Download
File Size   415.81 Kbytes
Page   2 Pages
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.
Description Venting Elements/Breather Plugs

JDAE40PA/SW Datasheet (PDF)

Go To PDF Page Download Datasheet
JDAE40PA/SW Datasheet PDF - Hylec-APL Ltd. All rights reserved.

Part # JDAE40PA/SW
Download  JDAE40PA/SW Click to download

File Size   415.81 Kbytes
Page   2 Pages
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.
Description Venting Elements/Breather Plugs

JDAE40PA/SW Datasheet (HTML) - Hylec-APL Ltd. All rights reserved.


JDAE40PA/SW Product details

DESCRIPTION
Venting element thread length 18 Black - RAL 9005

CABLE GLANDS/GROMMETS FEATURES
• Typical air flow 400 ml/min/cm²; at Δp = 0,07 bar
• Water entry pressure > 1 bar
• Temperature range -40°C/+100°C
• Protection grade IP66 / IP67 / IP69K




Similar Part No. - JDAE40PA/SW

ManufacturerPart #DatasheetDescription
logo
Hylec-APL Ltd. All righ...
JDAE40PA/SW HYLEC-JDAE40PA/SW Datasheet
415Kb / 2P
Cable Glands/Grommets
More results


Similar Description - JDAE40PA/SW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS31 TI-SN54LS31 Datasheet
137Kb / 4P
DELAY ELEMENTS
logo
Panasonic Semiconductor
UNH1115 PANASONIC-UNH1115 Datasheet
36Kb / 2P
Circuit Protector Elements
UNHS200 PANASONIC-UNHS200 Datasheet
72Kb / 3P
Circuit Protector Elements
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Rohm
ICP-S2.3TN ROHM-ICP-S2.3TN Datasheet
98Kb / 6P
Circuit protection elements
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Texas Instruments
SN54LS31 TI1-SN54LS31_12 Datasheet
474Kb / 6P
DELAY ELEMENTS
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
Cable glands, plugs, and breather must be ordered separately
2316200 PHOENIX-2316200 Datasheet
69Kb / 3P
Cable glands, plugs, and breather must be ordered separately
2713913 PHOENIX-2713913 Datasheet
209Kb / 8P
Large front surface for high-pos. plugs or operating and setting elements
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com