Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-021 Datasheet (PDF) - Pro-Signal

USB2-021 Datasheet PDF - Pro-Signal
Part # USB2-021
Download  USB2-021 Download
File Size   114.79 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB 2.0 Extension Cable 1 Meter

USB2-021 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2-021 Datasheet PDF - Pro-Signal

Part # USB2-021
Download  USB2-021 Click to download

File Size   114.79 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB 2.0 Extension Cable 1 Meter

USB2-021 Datasheet (HTML) - Pro-Signal


USB2-021 Product details

Features:
•
1 meter A male - A female data cable
•
Hi-speed USB revision 2.0
•
Shielded
•
28AWG/2C+24AWG/2C

Description
LEAD, USB2.0, A PLG-SKT, 1m




Similar Part No. - USB2-021

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB2-012 PROSIGNAL-USB2-012 Datasheet
29Kb / 1P
USB 2.0 Cable
USB2-062 PROSIGNAL-USB2-062 Datasheet
166Kb / 2P
Camera Cable
V1.0 22/04/13
USB2-062 PROSIGNAL-USB2-062 Datasheet
466Kb / 1P
USB2-062
2003.12.18
USB2-062 PROSIGNAL-USB2-062_V01 Datasheet
466Kb / 1P
USB2-062
2003.12.18
More results


Similar Description - USB2-021

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
UR024-006 TRIPPLITE-UR024-006 Datasheet
504Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Extension Cable
logo
Nanjing Qinheng Microel...
CH3170 WCH-CH3170 Datasheet
72Kb / 2P
USB 2.0 extension control chip
logo
Tripp Lite. All Rights ...
U024-003 TRIPPLITE-U024-003 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 3-ft.
U024-005-DSK1 TRIPPLITE-U024-005-DSK1 Datasheet
183Kb / 3P
1-Port USB 2.0 Desktop Extension Cable (M/F), 5 ft.
U024-006-BE TRIPPLITE-U024-006-BE Datasheet
164Kb / 2P
USB 2.0 Extension Cable (M/F), Beige, 6 ft.
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
logo
IOGEAR
GUE2118 IOGEAR-GUE2118 Datasheet
137Kb / 3P
USB 2.0 Booster Extension Cable - 39ft (TAA Compliant)
GUE216 IOGEAR-GUE216 Datasheet
124Kb / 2P
USB 2.0 Booster Extension Cable - 16ft
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com