Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-021 Datasheet(PDF) 1 Page - Pro-Signal

Part # USB2-021
Description  USB 2.0 Extension Cable 1 Meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

USB2-021 Datasheet(HTML) 1 Page - Pro-Signal

  USB2-021 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
28/07/16
USB 2.0 Extension Cable
1 Meter
Features:
• 1 meter A male - A female data cable
• Hi-speed USB revision 2.0
• Shielded
• 28AWG/2C+24AWG/2C
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
LEAD, USB2.0, A PLG-SKT, 1m
USB2-021


Similar Part No. - USB2-021

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB2-012 PROSIGNAL-USB2-012 Datasheet
29Kb / 1P
USB 2.0 Cable
USB2-062 PROSIGNAL-USB2-062 Datasheet
166Kb / 2P
Camera Cable
V1.0 22/04/13
USB2-062 PROSIGNAL-USB2-062 Datasheet
466Kb / 1P
USB2-062
2003.12.18
USB2-062 PROSIGNAL-USB2-062_V01 Datasheet
466Kb / 1P
USB2-062
2003.12.18
More results

Similar Description - USB2-021

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
UR024-006 TRIPPLITE-UR024-006 Datasheet
504Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Extension Cable
logo
Nanjing Qinheng Microel...
CH3170 WCH-CH3170 Datasheet
72Kb / 2P
USB 2.0 extension control chip
logo
Tripp Lite. All Rights ...
U024-003 TRIPPLITE-U024-003 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 3-ft.
U024-005-DSK1 TRIPPLITE-U024-005-DSK1 Datasheet
183Kb / 3P
1-Port USB 2.0 Desktop Extension Cable (M/F), 5 ft.
U024-006-BE TRIPPLITE-U024-006-BE Datasheet
164Kb / 2P
USB 2.0 Extension Cable (M/F), Beige, 6 ft.
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
logo
IOGEAR
GUE2118 IOGEAR-GUE2118 Datasheet
137Kb / 3P
USB 2.0 Booster Extension Cable - 39ft (TAA Compliant)
GUE216 IOGEAR-GUE216 Datasheet
124Kb / 2P
USB 2.0 Booster Extension Cable - 16ft
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com