Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-33COMBO Datasheet (PDF) - Pro-Signal

USB2-33COMBO Datasheet PDF - Pro-Signal
Part # USB2-33COMBO
Download  USB2-33COMBO Download
File Size   169.45 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB & Firewire Combo Products USB2 - 33COMBO & USB2 - PCICOMBO

USB2-33COMBO Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2-33COMBO Datasheet PDF - Pro-Signal

Part # USB2-33COMBO
Download  USB2-33COMBO Click to download

File Size   169.45 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB & Firewire Combo Products USB2 - 33COMBO & USB2 - PCICOMBO

USB2-33COMBO Datasheet (HTML) - Pro-Signal


USB2-33COMBO Product details

• VIA Chipset for PC use only
• Compliant with Universal Serial Bus Revision 2.0
• Supports Data Transfer Rates of 1.5/12/480 Mbps
• Compliant with Open Host Controller Interface Specification for USB Revision 1.1
• Compliant with Enhanced Host Controller Interface Specification USB 2.0 Revision 0.95
• Root Hub with 4 downstream facing ports. (Type A Socket, External and Internal/On hub
depending on model)
• Hot-Plug feature allows you to connect/disconnect devices without powering down the system.
• 32-Bit 33 Mhz host interface compliant to PCI Specification release 2.2
• Supports PCI-Bus Power Management interface Specification release 1.1
• Max. 5v/500 mA Power Supply
• Supports Windows 98/SE/2000/ME/XP (Needs Service Pack 1)
USB 2.0 Features.

• IEEE 1394a (Firewire 400) with data transfer rates of up to 400Mb/s.
• Complies with Standard for IEEE 1394 High Performance Serial Bus.
• Works with many DV Camcorders for digital video creating/editing.
• Hot-Plug feature allows you to connect/disconnect devices without powering down the system.
• Provides 3x Sockets for USB2-33COMBO (1x 6 Pin = PCI Card, 1x 4 Pin & 1x 6 Pin on Drive
Bay) Or 2x ( 1x 4 Pin & 1x 6 Pin) Sockets for USB2-PCICOMBO
• Supports Plug and Play specification
• Connect up to 63 devices
IEEE 1394A Features.




Similar Part No. - USB2-33COMBO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-3013HUB ETC-USB2-3013HUB Datasheet
502Kb / 1P
The USB2-3013HUB is a USB 2.0 13 part hub that is quick and easy to install with driverless installation by taking advantage of windows and MAC built in USB drivers
13/10/11 V1.1
More results


Similar Description - USB2-33COMBO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
USB2-F-5001 ETC2-USB2-F-5001 Datasheet
3Mb / 27P
USB2-F-5001 Full-Speed USB to 1-Port RS485 Adapter
USB2-H-1004 ETC2-USB2-H-1004 Datasheet
624Kb / 25P
USB2-H-1004 Hi-Speed USB to 4-Port RS232 Adapter
USB2-H-5002 ETC2-USB2-H-5002 Datasheet
847Kb / 30P
USB2-H-5002 Hi-Speed USB to 2-Port RS485 Adapter
USB2-H-5004 ETC2-USB2-H-5004 Datasheet
935Kb / 28P
USB2-H-5004 Hi-Speed USB to 4-Port RS485 Adapter
USB2-H-6002 ETC2-USB2-H-6002 Datasheet
798Kb / 28P
USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
USB2-H-6004 ETC2-USB2-H-6004 Datasheet
868Kb / 26P
USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
logo
Connective Peripherals ...
USB2-F-7101 CP-USB2-F-7101 Datasheet
1Mb / 35P
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
Version 1.4
logo
NXP Semiconductors
PTN3222 NXP-PTN3222 Datasheet
1Mb / 55P
1-port eUSB2 to USB2 redriver
Rev. 1.2 - 11 August 2023
PTN3222DUK NXP-PTN3222DUK Datasheet
1Mb / 48P
1-port eUSB2 to USB2 redriver
Rev. 1.1 - 1 December 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com