Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-33COMBO Datasheet(PDF) 1 Page - Pro-Signal

Part # USB2-33COMBO
Description  USB & Firewire Combo Products USB2 - 33COMBO & USB2 - PCICOMBO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

USB2-33COMBO Datasheet(HTML) 1 Page - Pro-Signal

  USB2-33COMBO Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Mail:
Sales@cablesdirect.co.uk
Fax:
01773 514515
Tel:
01773 514514
Cables Direct Ltd,
Unit C,
Heage Road
Industrial Estate,
Heage Road,
Ripley,
Derbyshire,
DE5 3GH.
Registered in England
No. 2819039
ISSUE No: 1
USB & Firewire
USB & Firewire
Combo Products
Combo Products
We reserve the right to discontinue or change product specification, or price without prior notice. All products supplied against our terms and conditions.
It is acknowledged that all trademarks, tradenames and product names used in this datasheet are the property of their respected companies/owners.
USB & FireWire Combo
Host Card (PCI)
USB Line Extender
Share-A-Hub
USB2 - 33COMBO
Combo USB 2.0 & IEEE 1394a PCI Card and 5¼” or 3½” Combo Drive Bay Hub
USB2 - PCICOMBO
Combo USB 2.0 & IEEE 1394a PCI Card
Our new range of USB 2.0 and IEEE 1394a (Firewire 400) products, allow users to
have both USB 2.0 and IEEE 1394a connection types on one PCI Card and 5.25 / 3.5
Bay depending on model. Running at 480 Mbps the USB connection is slightly faster
than the Firewire connection, but both have there different uses.
USB2
USB2 -- 33COMBO & USB2
33COMBO & USB2 -- PCICOMBO
PCICOMBO
Retail Packaging
•
VIA Chipset for PC use only
•
Compliant with Universal Serial Bus Revision 2.0
•
Supports Data Transfer Rates of 1.5/12/480 Mbps
•
Compliant with Open Host Controller Interface Specification for USB Revision 1.1
•
Compliant with Enhanced Host Controller Interface Specification USB 2.0 Revision 0.95
•
Root Hub with 4 downstream facing ports. (Type A Socket, External and Internal/On hub
depending on model)
•
Hot-Plug feature allows you to connect/disconnect devices without powering down the system.
•
32-Bit 33 Mhz host interface compliant to PCI Specification release 2.2
•
Supports PCI-Bus Power Management interface Specification release 1.1
•
Max. 5v/500 mA Power Supply
•
Supports Windows 98/SE/2000/ME/XP (Needs Service Pack 1)
USB 2.0 Features.
• IEEE 1394a (Firewire 400) with data transfer rates of up to 400Mb/s.
• Complies with Standard for IEEE 1394 High Performance Serial Bus.
• Works with many DV Camcorders for digital video creating/editing.
• Hot-Plug feature allows you to connect/disconnect devices without powering down the system.
• Provides 3x Sockets for USB2-33COMBO (1x 6 Pin = PCI Card, 1x 4 Pin & 1x 6 Pin on Drive
Bay) Or 2x ( 1x 4 Pin & 1x 6 Pin) Sockets for USB2-PCICOMBO
• Supports Plug and Play specification
• Connect up to 63 devices
IEEE 1394A Features.
USB2-33COMBO
PCI Card has 2x External USB 2.0 Ports and 1x
External Firewire (IEEE-1394) 6 Pin
5.25” or 3.5” Bay has 2x USB 2.0 Ports and 1x 6
Pin + 1x 4 Pin Firewire (IEEE-1394A) Ports
USB2-PCICOMBO
PCI Card has 2x External & 2x Internal USB 2.0
Ports and 1x 4 Pin and 1x 6 Pin External Firewire
(IEEE-1394)


Similar Part No. - USB2-33COMBO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-3013HUB ETC-USB2-3013HUB Datasheet
502Kb / 1P
The USB2-3013HUB is a USB 2.0 13 part hub that is quick and easy to install with driverless installation by taking advantage of windows and MAC built in USB drivers
13/10/11 V1.1
More results

Similar Description - USB2-33COMBO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
USB2-F-5001 ETC2-USB2-F-5001 Datasheet
3Mb / 27P
USB2-F-5001 Full-Speed USB to 1-Port RS485 Adapter
USB2-H-1004 ETC2-USB2-H-1004 Datasheet
624Kb / 25P
USB2-H-1004 Hi-Speed USB to 4-Port RS232 Adapter
USB2-H-5002 ETC2-USB2-H-5002 Datasheet
847Kb / 30P
USB2-H-5002 Hi-Speed USB to 2-Port RS485 Adapter
USB2-H-5004 ETC2-USB2-H-5004 Datasheet
935Kb / 28P
USB2-H-5004 Hi-Speed USB to 4-Port RS485 Adapter
USB2-H-6002 ETC2-USB2-H-6002 Datasheet
798Kb / 28P
USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
USB2-H-6004 ETC2-USB2-H-6004 Datasheet
868Kb / 26P
USB2-H-6004 Hi-Speed USB to 4-Port RS422 Adapter
logo
Connective Peripherals ...
USB2-F-7101 CP-USB2-F-7101 Datasheet
1Mb / 35P
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
Version 1.4
logo
NXP Semiconductors
PTN3222 NXP-PTN3222 Datasheet
1Mb / 55P
1-port eUSB2 to USB2 redriver
Rev. 1.2 - 11 August 2023
PTN3222DUK NXP-PTN3222DUK Datasheet
1Mb / 48P
1-port eUSB2 to USB2 redriver
Rev. 1.1 - 1 December 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com