Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3-822 Datasheet (PDF) - Pro-Signal

USB3-822 Datasheet PDF - Pro-Signal
Part # USB3-822
Download  USB3-822 Download
File Size   180.58 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.0 USB Cable Type A Plug to Type A Receptacle

USB3-822 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB3-822 Datasheet PDF - Pro-Signal

Part # USB3-822
Download  USB3-822 Click to download

File Size   180.58 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.0 USB Cable Type A Plug to Type A Receptacle

USB3-822 Datasheet (HTML) - Pro-Signal


USB3-822 Product details

Description
USB Cable, 3.0 Type A Plug to Receptacle, Black, 2m




Similar Part No. - USB3-822

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB3-822. PROSIGNAL-USB3-822. Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
USB3-822BL PROSIGNAL-USB3-822BL Datasheet
242Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
More results


Similar Description - USB3-822

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB317131HR AMPHENOL-GSB317131HR Datasheet
128Kb / 1P
USB 3.0 CONNECTOR STANDARD A, PLUG CABLE TYPE, OVERMOLD
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Molex Electronics Ltd.
0687890035 MOLEX1-0687890035 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
logo
Wurth Elektronik GmbH &...
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
logo
Molex Electronics Ltd.
PK-48405-001 MOLEX-PK-48405-001 Datasheet
216Kb / 2P
USB 3.0 CONNECTOR A RECEPTACLE 90DIP TYPE
2013.6.6
logo
List of Unclassifed Man...
SC-3AAK003F ETC1-SC-3AAK003F Datasheet
179Kb / 1P
Cable Assembly, USB 3.0, Type A/M - Type A/M, Black
2017.08.24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com