Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3-822 Datasheet(PDF) 1 Page - Pro-Signal

Part # USB3-822
Description  3.0 USB Cable Type A Plug to Type A Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

USB3-822 Datasheet(HTML) 1 Page - Pro-Signal

  USB3-822 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
28/09/20
3.0 USB Cable
Type A Plug to Type A Receptacle
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
Connector to Connector : Type A Plug to Type A Receptacle
USB Standard
: USB 3.0
Contact Resistance
: 3Ω (Max.)
Insulation Resistance
: DC300V / 10ms, 10MΩ (Min.)
Cable Length
: 2m (6.6ft)
Jacket Colour
: Black
No.
Description
Qty. Unit
1
UL20275 USB 3.0 Cable (28AWG×1P+D+AL+Mylar)×2C+28AWG×1
P+28AWG×2C+AEB OD: 5.5±0.2mm 65% AL Colour: Black
2
m
2
USB 3.0A (M) 9P Sold Blue rubber
1
Pcs
3
USB 3.0A (M) Sold
4
USB 3.0A (M) Nickel sold Shell
5
USB 3.0A (F) Shell Nickel sold
6
PE
5
g
7
PVC Colour: Black
20
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
USB Cable, 3.0 Type A Plug to Receptacle, Black, 2m
USB3-822
Diagram
Dimensions : Millimetres


Similar Part No. - USB3-822

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB3-822. PROSIGNAL-USB3-822. Datasheet
230Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
USB3-822BL PROSIGNAL-USB3-822BL Datasheet
242Kb / 1P
Type A Male to Type A Female Lead, USB 3.0
V1.0 12/11/21
More results

Similar Description - USB3-822

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB317131HR AMPHENOL-GSB317131HR Datasheet
128Kb / 1P
USB 3.0 CONNECTOR STANDARD A, PLUG CABLE TYPE, OVERMOLD
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Molex Electronics Ltd.
0687890035 MOLEX1-0687890035 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
logo
Wurth Elektronik GmbH &...
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
logo
Molex Electronics Ltd.
PK-48405-001 MOLEX-PK-48405-001 Datasheet
216Kb / 2P
USB 3.0 CONNECTOR A RECEPTACLE 90DIP TYPE
2013.6.6
logo
List of Unclassifed Man...
SC-3AAK003F ETC1-SC-3AAK003F Datasheet
179Kb / 1P
Cable Assembly, USB 3.0, Type A/M - Type A/M, Black
2017.08.24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com