Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH-W5AM Datasheet (PDF) - ams-OSRAM AG

LH-W5AM Datasheet PDF - ams-OSRAM AG
Part # LH-W5AM
Download  LH-W5AM Download
File Size   1806.89 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Golden DRAGON® Plus

LH-W5AM Datasheet (PDF)

Go To PDF Page Download Datasheet
LH-W5AM Datasheet PDF - ams-OSRAM AG

Part # LH-W5AM
Download  LH-W5AM Click to download

File Size   1806.89 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Golden DRAGON® Plus

LH-W5AM Datasheet (HTML) - ams-OSRAM AG


LH-W5AM Product details

Features:
• Package: white SMT package with clear silicone
lens, chip level conversion
• Technology: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 170°
• Radiant Flux: typ. 320 mW
• Radiant Efficiency: typ. 37 %
Applications
• Accent and effect lighting
• Horticultural Lighting
• Color: 640 nm (hyper red)




Similar Part No. - LH-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LH-W5AM OSRAM-LH-W5AM Datasheet
317Kb / 21P
white SMT package with clear silicone lens, chip level conversion
More results


Similar Description - LH-W5AM

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
OSRAM GmbH
LYW5SM OSRAM-LYW5SM Datasheet
645Kb / 21P
Golden DRAGON
LTW5AM OSRAM-LTW5AM Datasheet
1Mb / 23P
Golden DRAGON Plus
LAW5SM OSRAM-LAW5SM_18 Datasheet
1Mb / 22P
Golden DRAGON
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
~15째 spot beam optimized for Golden Dragon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com