Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH-W5AM Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LH-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LH-W5AM Datasheet(HTML) 4 Page - ams-OSRAM AG

  LH-W5AM Datasheet HTML 1Page - ams-OSRAM AG LH-W5AM Datasheet HTML 2Page - ams-OSRAM AG LH-W5AM Datasheet HTML 3Page - ams-OSRAM AG LH-W5AM Datasheet HTML 4Page - ams-OSRAM AG LH-W5AM Datasheet HTML 5Page - ams-OSRAM AG LH-W5AM Datasheet HTML 6Page - ams-OSRAM AG LH-W5AM Datasheet HTML 7Page - ams-OSRAM AG LH-W5AM Datasheet HTML 8Page - ams-OSRAM AG LH-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2015-12-16
4
Version 1.2
LH W5AM
Characteristics (TS = 25 °C; IF = 400 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
660
nm
Centroid Wavelength
Zentrumswellenlänge
(min.)
(typ.)
(max.)
λcentr
λcentr
λcentr
646
657
666
nm
nm
nm
Dominant Wavelength 2) page 23
Dominantwellenlänge 2) Seite 23
(typ.)
λdom
640
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
170
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
V
F
2.00
2.15
2.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
3) page 23
3) Seite 23
(typ.)
(max.)
R
R
6.5
11
K/W
K/W
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.13
nm/K
th JS
th JS
Thermal resistance junction / solder point
Wärmewiderstand Sperrschicht / Lötpad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com