Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-E67B Datasheet (PDF) - ams-OSRAM AG

LO-E67B Datasheet PDF - ams-OSRAM AG
Part # LO-E67B
Download  LO-E67B Download
File Size   1768.35 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED®

LO-E67B Datasheet (PDF)

Go To PDF Page Download Datasheet
LO-E67B Datasheet PDF - ams-OSRAM AG

Part # LO-E67B
Download  LO-E67B Click to download

File Size   1768.35 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED®

LO-E67B Datasheet (HTML) - ams-OSRAM AG


LO-E67B Product details

Applications
- Ambient Lighting
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LO-E67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LO-E67B OSRAM-LO-E67B Datasheet
184Kb / 14P
white P-LCC-4 package
LO-E67B-U2AA-24 OSRAM-LO-E67B-U2AA-24 Datasheet
438Kb / 19P
Power TOPLED
More results


Similar Description - LO-E67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com