Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1457 Datasheet (PDF) - STMicroelectronics

SD1457 Datasheet PDF - STMicroelectronics
Part # SD1457
Download  SD1457 Download
File Size   61.24 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS

SD1457 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1457 Datasheet PDF - STMicroelectronics

Part # SD1457
Download  SD1457 Click to download

File Size   61.24 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS

SD1457 Datasheet (HTML) - STMicroelectronics


SD1457 Product details

DESCRIPTION
The SD1457 is a 28 V gold metallized epitaxial silicon NPN planar transistor designed for FM VHF broadcast transmitters.
This device utilizes diffused emitter resistors to achieve infinite VSWR at rated operating conditions.

FEATURES SUMMARY
■ 108 MHz
■ 28 VOLTS
■ EFFICIENCY 75%
■ COMMON EMITTER
■ GOLD METALLIZATION
■ POUT = 75 W MIN. WITH 10.0 dB GAIN




Similar Part No. - SD1457

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SD1450 PANASONIC-SD1450 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
logo
STMicroelectronics
SD1455 STMICROELECTRONICS-SD1455 Datasheet
53Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Jul-1993
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Semiconductor
SD1456 ASI-SD1456 Datasheet
38Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
SD1458 STMICROELECTRONICS-SD1458 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS TVLINEAR APPLICATIONS
Nov-1992
More results


Similar Description - SD1457

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1460 STMICROELECTRONICS-SD1460 Datasheet
67Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1483 MICROSEMI-SD1483 Datasheet
750Kb / 7P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
logo
Advanced Power Technolo...
MS1329 ADPOW-MS1329 Datasheet
192Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
MS1281 ADPOW-MS1281 Datasheet
132Kb / 3P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
MS1406 ADPOW-MS1406 Datasheet
124Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
MS1202 MICROSEMI-MS1202 Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com