Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1202 Datasheet (PDF) - Microsemi Corporation

MS1202 Datasheet PDF - Microsemi Corporation
Part # MS1202
Download  MS1202 Download
File Size   65.05 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS

MS1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1202 Datasheet PDF - Microsemi Corporation

Part # MS1202
Download  MS1202 Click to download

File Size   65.05 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS

MS1202 Datasheet (HTML) - Microsemi Corporation


MS1202 Product details

DESCRIPTION:
The MS1202 is a epitaxial silicon NPN transistor designed for 12.5 volt class C applications in the 118 – 136 MHz frequency band and 28 volt FM ground station applications. Gold metalization and emitter ballast resistors provide long term product ruggedness and reliability.

Features
• 175 MHz
• 12.5 VOLTS
• POUT = 7.0 W
• GP = 8.4 dB MINIMUM
• COMMON EMITTER CONFIGURATION




Similar Part No. - MS1202

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS1202 CIT-MS1202 Datasheet
121Kb / 1P
CIT SWITCH
MS1202L4 CIT-MS1202L4 Datasheet
121Kb / 1P
CIT SWITCH
MS1202L6 CIT-MS1202L6 Datasheet
121Kb / 1P
CIT SWITCH
More results


Similar Description - MS1202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1457 STMICROELECTRONICS-SD1457 Datasheet
61Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1272-2 MICROSEMI-SD1272-2 Datasheet
427Kb / 4P
RF & MICROWAVE TRANSISTORS 130-230 MHz FM MOBILE APPLICATIONS
logo
Advanced Power Technolo...
MS1406 ADPOW-MS1406 Datasheet
124Kb / 3P
RF & MICROWAVE TRANSISTORS FM MOBILE APPLICATIONS
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
2N5589 MICROSEMI-2N5589 Datasheet
620Kb / 5P
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS
SD1272 MICROSEMI-SD1272 Datasheet
603Kb / 5P
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS
logo
Advanced Power Technolo...
SD1018 ADPOW-SD1018 Datasheet
89Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com