Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO T776-Q2T1-24 Datasheet (PDF) - ams-OSRAM AG

LO T776-Q2T1-24 Datasheet PDF - ams-OSRAM AG
Part # LO T776-Q2T1-24
Download  LO T776-Q2T1-24 Download
File Size   1150.23 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED® Reverse Gullwing

LO T776-Q2T1-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
LO T776-Q2T1-24 Datasheet PDF - ams-OSRAM AG

Part # LO T776-Q2T1-24
Download  LO T776-Q2T1-24 Click to download

File Size   1150.23 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED® Reverse Gullwing

LO T776-Q2T1-24 Datasheet (HTML) - ams-OSRAM AG


LO T776-Q2T1-24 Product details

Applications
——Electronic Equipment
Features:
——Package: white SMT package, colorless clear resin
——Chip technology: InGaAlP
——Typ. Radiation: 120° (Lambertian emitter)
——Color: λdom = 606 nm (● orange)
——Corrosion Robustness Class: 3B
——ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)




Similar Part No. - LO T776-Q2T1-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LO T770-J1L2-24 AMSOSRAM-LO T770-J1L2-24 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
2019-07-16
LO T77K-K1M2-24 AMSOSRAM-LO T77K-K1M2-24 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
2019-07-16
More results


Similar Description - LO T776-Q2T1-24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
logo
ams AG
SFH4246R AMSCO-SFH4246R Datasheet
1Mb / 17P
TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
Version 1.1 2020-09-01
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com