Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591DBVR Datasheet (PDF) - Texas Instruments

OPA591DBVR Datasheet PDF - Texas Instruments
Part # OPA591DBVR
Download  OPA591DBVR Download
File Size   2950.3 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs

OPA591DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA591DBVR Datasheet PDF - Texas Instruments

Part # OPA591DBVR
Download  OPA591DBVR Click to download

File Size   2950.3 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs

OPA591DBVR Datasheet (HTML) - Texas Instruments


OPA591DBVR Product details

1 Features
• Wide supply voltage range: 8V to 85V
• Low offset voltage: 225μV, max
• Low offset drift: 1μV/°C, max
• High CMRR: 125dB, min
• High PSRR: 120dB, min
• Low input bias current: 15pA, max
• Low noise: 12.9nV/√Hz at 1kHz
• Wide bandwidth: 3.75MHz at 40dB
• High slew rate: 100V/μs
• Low quiescent current: 450μA
• Rail-to-rail output
• Unity gain stable
• Mux-friendly inputs
• Thermal shutdown protection
• Small package options:
– Single: SOT-23
– Dual: VSSOP, SOIC




Similar Part No. - OPA591DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA591 TI2-OPA591 Datasheet
1Mb / 28P
OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
FEBRUARY 2026
More results


Similar Description - OPA591DBVR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560 AUK-S4560 Datasheet
299Kb / 4P
Dual high slew rate OP AMP
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
KODENSHI_AUK CORP.
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
logo
Texas Instruments
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com