Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E6SF-01 Datasheet (PDF) - ams-OSRAM AG

LS-E6SF-01 Datasheet PDF - ams-OSRAM AG
Part # LS-E6SF-01
Download  LS-E6SF-01 Download
File Size   1812.92 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED™

LS-E6SF-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS-E6SF-01 Datasheet PDF - ams-OSRAM AG

Part # LS-E6SF-01
Download  LS-E6SF-01 Click to download

File Size   1812.92 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED™

LS-E6SF-01 Datasheet (HTML) - ams-OSRAM AG


LS-E6SF-01 Product details

Applications
- Automotive Aftermarket - Static Signaling
Features
- Package: white PLCC-4 package, colorless clear silicone resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 633 nm (● super red)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LS-E6SF-01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E6SF-V2BA-1-1-Z OSRAM-LS-E6SF-V2BA-1-1-Z Datasheet
492Kb / 21P
Power TOPLED
More results


Similar Description - LS-E6SF-01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E6SF-V2BA-1-1-Z OSRAM-LS-E6SF-V2BA-1-1-Z Datasheet
492Kb / 21P
Power TOPLED
LAE6SF OSRAM-LAE6SF Datasheet
493Kb / 21P
Power TOPLED
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF_17 Datasheet
626Kb / 21P
Power TOPLED
LSE6SF OSRAM-LSE6SF Datasheet
492Kb / 21P
Power TOPLED
LSE67B OSRAM-LSE67B_13 Datasheet
439Kb / 19P
Power TOPLED
LSE67F OSRAM-LSE67F Datasheet
439Kb / 20P
Power TOPLED
LTE67C OSRAM-LTE67C_17 Datasheet
607Kb / 21P
Power TOPLED
LAE67F OSRAM-LAE67F_14 Datasheet
548Kb / 21P
Power TOPLED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com