Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-G6SP-02 Datasheet (PDF) - ams-OSRAM AG

LS-G6SP-02 Datasheet PDF - ams-OSRAM AG
Part # LS-G6SP-02
Download  LS-G6SP-02 Download
File Size   1763.04 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Advanced Power TOPLED®

LS-G6SP-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS-G6SP-02 Datasheet PDF - ams-OSRAM AG

Part # LS-G6SP-02
Download  LS-G6SP-02 Click to download

File Size   1763.04 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Advanced Power TOPLED®

LS-G6SP-02 Datasheet (HTML) - ams-OSRAM AG


LS-G6SP-02 Product details

Applications
- Signalling
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 630 nm (● super red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LS-G6SP-02

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LS-G6SP-01 AMSOSRAM-LS-G6SP-01 Datasheet
1Mb / 21P
Advanced Power TOPLED®
2020-06-15
More results


Similar Description - LS-G6SP-02

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
Advanced Power TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com