Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-G6SP-02 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LS-G6SP-02
Description  Advanced Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-G6SP-02 Datasheet(HTML) 2 Page - ams-OSRAM AG

  LS-G6SP-02 Datasheet HTML 1Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 2Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 3Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 4Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 5Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 6Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 7Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 8Page - ams-OSRAM AG LS-G6SP-02 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LS G6SP.02
DATASHEET
DATASHEET
2 | Version 1.1 | 2022-06-10
Advanced Power TOPLED®
LS G6SP.02
The Advanced Power TOPLED.02 (APT.02) features ams
OSRAM’s state-of-the-art generation of PLCC 6 packages,
which have set a market standard in the mid power LED world
and were decades ago the first of its kind. With its very robust
design, the APT.02 family can withstand harsh environmental
conditions and offers the highest level of processability. Con-
taining our latest InGaAlP-chip technology the APT.02 keeps its
market leading brightness performance and offers a wide range
of available bins with a high luminous efficiency and an excel-
lent thermal resistance.
Applications
- Signalling
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 630 nm (● super red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com