Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-QH9G Datasheet (PDF) - ams-OSRAM AG

LT-QH9G Datasheet PDF - ams-OSRAM AG
Part # LT-QH9G
Download  LT-QH9G Download
File Size   1915.05 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Chip LED 0402

LT-QH9G Datasheet (PDF)

Go To PDF Page Download Datasheet
LT-QH9G Datasheet PDF - ams-OSRAM AG

Part # LT-QH9G
Download  LT-QH9G Click to download

File Size   1915.05 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Chip LED 0402

LT-QH9G Datasheet (HTML) - ams-OSRAM AG


LT-QH9G Product details

Applications
- Access Control & Security
- Ambient Lighting
- Appliances & Tools
- Display Backlighting
- Home & Building Automation
- Robotics
- Visualization
- Vital Sign Monitoring
Features
- Package: SMT package 0402, colorless diffused resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 170° (horizontal), 115° (vertical)
- Color: λdom = 530 nm (● true green)
- Optical efficacy: 38 lm/W
- Corrosion Robustness Class: 3B
- ESD: 1 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LT-QH9G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LT-QH9G OSRAM-LT-QH9G Datasheet
730Kb / 21P
SMT package 0402, colorless diffused resin
More results


Similar Description - LT-QH9G

ManufacturerPart #DatasheetDescription
logo
QT-Brightek Corp.
QBLP595-2IB5 QTB-QBLP595-2IB5 Datasheet
794Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG-2897 QTB-QBLP595-IG-2897 Datasheet
868Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5-2897 QTB-QBLP595-IG5-2897 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5 QTB-QBLP595-IG5 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-2897 QTB-QBLP595-IW-2897 Datasheet
778Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-SW QTB-QBLP595-IW-SW Datasheet
725Kb / 10P
0402 SMD Chip LED
Version 1.1
QBLP595-IW5-2897 QTB-QBLP595-IW5-2897 Datasheet
824Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW5 QTB-QBLP595-IW5 Datasheet
821Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-R-2897 QTB-QBLP595-R-2897 Datasheet
817Kb / 9P
0402 SMD Chip LED
Version 1.2
logo
ams AG
KREGLP41.22 AMSCO-KREGLP41.22 Datasheet
1Mb / 20P
Chip LED 0402
Version 1.4 2022-11-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com