Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP4EXT Datasheet (PDF) - StarTech.com Ltd.

ATXP4EXT Datasheet PDF - StarTech.com Ltd.
Part # ATXP4EXT
Download  ATXP4EXT Download
File Size   174.63 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 8in ATX12V 4 Pin P4 CPU Power Extension Cable - M/F

ATXP4EXT Datasheet (PDF)

Go To PDF Page Download Datasheet
ATXP4EXT Datasheet PDF - StarTech.com Ltd.

Part # ATXP4EXT
Download  ATXP4EXT Click to download

File Size   174.63 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 8in ATX12V 4 Pin P4 CPU Power Extension Cable - M/F

ATXP4EXT Datasheet (HTML) - StarTech.com Ltd.


ATXP4EXT Product details

Applications
Add an 8 inch reach to an ATX12V power supply CPU power connector
Features
4 Pin ATX Male to 4 pin ATX Female




Similar Part No. - ATXP4EXT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
ATXP032 DIALOG-ATXP032 Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-CCUE-T DIALOG-ATXP032-CCUE-T Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-CCUE-Y DIALOG-ATXP032-CCUE-Y Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-DWF DIALOG-ATXP032-DWF Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-UUE-T DIALOG-ATXP032-UUE-T Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
More results


Similar Description - ATXP4EXT

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK180-10-R ASSMANN-AK180-10-R Datasheet
232Kb / 1P
Extension Cable M-F 9 Pin, 10 Meters
logo
Tripp Lite. All Rights ...
P510010 TRIPPLITE-P510010 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F),10-ft
P510025 TRIPPLITE-P510025 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M-F),25-ft
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
USB 1.1 Gold Extension Cable (USB-A M-F)
P510-006 TRIPPLITE-P510-006 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 6-ft.
P510-010 TRIPPLITE-P510-010 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 10-ft.
U024-003 TRIPPLITE-U024-003 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 3-ft.
U024-006-BE TRIPPLITE-U024-006-BE Datasheet
164Kb / 2P
USB 2.0 Extension Cable (M/F), Beige, 6 ft.
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 16-ft.
P579-006 TRIPPLITE-P579-006 Datasheet
157Kb / 2P
DisplayPort Extension Cable with Latches (M/F), 6-ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com