Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP4EXT Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ATXP4EXT
Description  8in ATX12V 4 Pin P4 CPU Power Extension Cable - M/F
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ATXP4EXT Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ATXP4EXT Datasheet HTML 1Page - StarTech.com Ltd. ATXP4EXT Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8in ATX12V 4 Pin P4 CPU Power Extension Cable - M/F
StarTech ID: ATXP4EXT
The ATXP4EXT 4 Pin P4 CPU Power Extension Cable Cable extends the reach of your ATX12V power supply
CPU power connector by 8in, making it easier to make the necessary power connection without having to
"stretch" the CPU power connector from the power supply.
Applications
Add an 8 inch reach to an ATX12V power supply CPU power connector
Features
4 Pin ATX Male to 4 pin ATX Female
Technical Specifications
Warranty
Lifetime
Connector A
1 - ATX 12V P4 Power (4 pin; v 2.x) Male
Connector B
1 - ATX 12V P4 Power (4 pin; v 2.x) Female
Cable Length
204 mm [8 in]
Product Weight
10 g [0.4 oz]
Shipping (Package) Weight 10 g [0.4 oz]
Included in Package
1 - 8in ATX12V 4 Pin P4 CPU Power Extension Cable - M/F
www.startech.com/uk
0800 169 0408


Similar Part No. - ATXP4EXT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
ATXP032 DIALOG-ATXP032 Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-CCUE-T DIALOG-ATXP032-CCUE-T Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-CCUE-Y DIALOG-ATXP032-CCUE-Y Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-DWF DIALOG-ATXP032-DWF Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
ATXP032-UUE-T DIALOG-ATXP032-UUE-T Datasheet
1Mb / 113P
EcoXiP??High Performance Low-Power Octal Flash
More results

Similar Description - ATXP4EXT

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK180-10-R ASSMANN-AK180-10-R Datasheet
232Kb / 1P
Extension Cable M-F 9 Pin, 10 Meters
logo
Tripp Lite. All Rights ...
P510010 TRIPPLITE-P510010 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F),10-ft
P510025 TRIPPLITE-P510025 Datasheet
490Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M-F),25-ft
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
USB 1.1 Gold Extension Cable (USB-A M-F)
P510-006 TRIPPLITE-P510-006 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 6-ft.
P510-010 TRIPPLITE-P510-010 Datasheet
161Kb / 2P
VGA Monitor Extension Cable, 640x480 (HD15 M/F), 10-ft.
U024-003 TRIPPLITE-U024-003 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 3-ft.
U024-006-BE TRIPPLITE-U024-006-BE Datasheet
164Kb / 2P
USB 2.0 Extension Cable (M/F), Beige, 6 ft.
U024-016 TRIPPLITE-U024-016 Datasheet
158Kb / 2P
USB 2.0 Extension Cable (A M/F) 16-ft.
P579-006 TRIPPLITE-P579-006 Datasheet
157Kb / 2P
DisplayPort Extension Cable with Latches (M/F), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com