Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWGP1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMWGP1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMWGP1007
Download  FMWGP1007 Download
File Size   445.6 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Brass WR-112 Waveguide Pressure Window with UG- 51/U and UG-51/U-Grooved Flanges

FMWGP1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMWGP1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMWGP1007
Download  FMWGP1007 Click to download

File Size   445.6 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Brass WR-112 Waveguide Pressure Window with UG- 51/U and UG-51/U-Grooved Flanges

FMWGP1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMWGP1007 Product details

Features
• WR-112 Waveguide
• Operating Frequency Range
• from 6.57 GHz to 9.99 GHz
• UG-51/U and UG-51/U-
• Grooved Flanges
• 1.25:1 Max VSWR
• 1000 Watts (CW) Max
• Power Handling
• Insertion loss: 0.2 dB Max
• Thickness: 0.79 inches
• PTFE window material
• Pressure Handling
• Capability: 29 PSI Max
• Applications:
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Communication Systems
• R&D Labs
• Microwave Radio Systems
• FMWGP1007
• DATA SHEET




Similar Part No. - FMWGP1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMWGP1000 FAIRVIEW-FMWGP1000 Datasheet
457Kb / 2P
Aluminum WR-340 Waveguide Pressure Window with CPR340F and CPR340G Flanges
REV 1.0A
FMWGP1001 FAIRVIEW-FMWGP1001 Datasheet
456Kb / 2P
Aluminum WR-284 Waveguide Pressure Window with CPR284F and CPR284G Flanges
REV 1.0A
FMWGP1002 FAIRVIEW-FMWGP1002 Datasheet
457Kb / 2P
Aluminum WR-229 Waveguide Pressure Window with CPR229F and CPR229G Flanges
REV 1.0A
FMWGP1003 FAIRVIEW-FMWGP1003 Datasheet
454Kb / 2P
Aluminum WR-187 Waveguide Pressure Window with CPR187F and CPR187G Flanges
REV 1.0A
FMWGP1004 FAIRVIEW-FMWGP1004 Datasheet
455Kb / 2P
Aluminum WR-159 Waveguide Pressure Window with CPR159F and CPR159G Flanges
REV 1.0A
More results


Similar Description - FMWGP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W112B001 PASTERNACK-PE-W112B001 Datasheet
325Kb / 2P
WR-112 Waveguide E-Bend with UG-51-U Flange Operating from 7.05 GHz to 10 GHz
PE-W112B002 PASTERNACK-PE-W112B002 Datasheet
318Kb / 2P
WR-112 Waveguide H-Bend with UG-51-U Flange Operating from 7.05 GHz to 10 GHz
PE-W112TF005-36 PASTERNACK-PE-W112TF005-36 Datasheet
394Kb / 4P
WR-112 Flexible Waveguide Twist With a UG-51-U Flange Operating From 7.05 GHz to 10 GHz
PE-W112TF005-12 PASTERNACK-PE-W112TF005-12 Datasheet
395Kb / 4P
WR-112 Flexible Waveguide Twist With a UG-51 - U Flange Operating From 7.05 GHz to 10 GHz
PE-W112TF005-24 PASTERNACK-PE-W112TF005-24 Datasheet
406Kb / 4P
WR-112 Flexible Waveguide Twist With a UG-51 - U Flange Operating From 7.05 GHz to 10 GHz
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PEWTS1002 PASTERNACK-PEWTS1002 Datasheet
398Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PEWCP1064 PASTERNACK-PEWCP1064 Datasheet
409Kb / 5P
WR-112 30 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCP1065 PASTERNACK-PEWCP1065 Datasheet
409Kb / 5P
WR-112 40 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWAD5016 PASTERNACK-PEWAD5016 Datasheet
421Kb / 4P
WR-112 Waveguide Bulkhead Adapter UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com