Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK31C2DHSPDUE Datasheet (PDF) - StarTech.com Ltd.

DK31C2DHSPDUE Datasheet PDF - StarTech.com Ltd.
Part # DK31C2DHSPDUE
Download  DK31C2DHSPDUE Download
File Size   94.28 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Dock - Triple 4K Monitor USB Type-C Docking Station - 100W Power Delivery - DP 1.4 Alt Mode & DSC, 2x DisplayPort 1.4/HDMI 2.0 - 6xUSB (2x 10Gbps) - Windows/Chrome

DK31C2DHSPDUE Datasheet (PDF)

Go To PDF Page Download Datasheet
DK31C2DHSPDUE Datasheet PDF - StarTech.com Ltd.

Part # DK31C2DHSPDUE
Download  DK31C2DHSPDUE Click to download

File Size   94.28 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Dock - Triple 4K Monitor USB Type-C Docking Station - 100W Power Delivery - DP 1.4 Alt Mode & DSC, 2x DisplayPort 1.4/HDMI 2.0 - 6xUSB (2x 10Gbps) - Windows/Chrome

DK31C2DHSPDUE Datasheet (HTML) - StarTech.com Ltd.


DK31C2DHSPDUE Product details

Features
• HIGH PERFORMANCE USB-C DOCK: USB-C docking station for Windows/Chrome OS, featuring up to three 4K
video outputs (2x DisplayPort 1.4 & 1x HDMI 2.0), 100W PD, 6 port USB Hub (10Gbps), SD 4.0 Card Reader, Gigabit
Ethernet, and headset port
• DISPLAYPORT 1.4 WITH DSC: Triple monitor USB-C docking station (MST) supports dual 4K 60Hz or triple 4K
30Hz on DP 1.4 Alt-Mode HBR3 w/ DSC enabled laptop (min. Intel 11th Gen); works with DP 1.2 supporting dual
monitor 1080p @ 60Hz (see image gallery)
• 100W POWER DELIVERY CHARGING: Power & charge Windows-based USB-C/Thunderbolt 3 workstation
laptops, Chromebooks, ultrabooks including Lenovo X1 Carbon, ThinkPad P Series, Dell Latitudes, Precision, XPS
15, HP Spectre, and ZBook
• 6-PORT USB HUB: 2x 10Gbps USB-C (USB 3.2/3.1 Gen 2), both BC 1.2 fast charge always-on ports), 2x USB 3.0
5Gbps, and 2x USB 2.0; a variety of USB ports to connect many peripherals incl. two 10Gbps high speed USB-C
ports for external drives
• DEPLOYMENT READY: Universal multi monitor USB Type-C docking station with no driver setup, features 2x
security lock k-slots, On/Off button, 3.3ft (1m) USB-C host cable; Windows/Chrome OS support
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
MAC Address Changer, USB Event Monitoring, Windows Layout & Wi-Fi Auto Switch utilities




Similar Part No. - DK31C2DHSPDUE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DK31C4DPPDUE STARTECH-DK31C4DPPDUE Datasheet
102Kb / 5P
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring 100W Power Delivery - USB Hub with 1x USB Type-C & 3x USB-A, Ethernet, Audio
More results


Similar Description - DK31C2DHSPDUE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U444-2DP-MST4K6 TRIPPLITE-U444-2DP-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-2H-MST4K6 TRIPPLITE-U444-2H-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3DP-MST TRIPPLITE-U444-3DP-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3H-MST TRIPPLITE-U444-3H-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
429Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Chrontel, Inc.
CH7218A CHRONTEL-CH7218A Datasheet
226Kb / 10P
CH7218A USB-C and DP 1.4 to HDMI 2.1 Protocol Converter
Rev 1.4 2023-8-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com