Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK31C4DPPDUE Datasheet (PDF) - StarTech.com Ltd.

DK31C4DPPDUE Datasheet PDF - StarTech.com Ltd.
Part # DK31C4DPPDUE
Download  DK31C4DPPDUE Download
File Size   102.36 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description • CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring 100W Power Delivery - USB Hub with 1x USB Type-C & 3x USB-A, Ethernet, Audio

DK31C4DPPDUE Datasheet (PDF)

Go To PDF Page Download Datasheet
DK31C4DPPDUE Datasheet PDF - StarTech.com Ltd.

Part # DK31C4DPPDUE
Download  DK31C4DPPDUE Click to download

File Size   102.36 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description • CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring 100W Power Delivery - USB Hub with 1x USB Type-C & 3x USB-A, Ethernet, Audio

DK31C4DPPDUE Datasheet (HTML) - StarTech.com Ltd.


DK31C4DPPDUE Product details

Features
• QUAD MONITOR USB-C DOCK: USB Type-C docking station supports up to 4 (4K 60Hz) monitors, also supports
dual & triple display extended modes, using any combination of four DisplayPort (DP) and/or four HDMI 2.0 video
outputs; Or 2x 5K DP 1.2 displays
• INCREASE PRODUCTIVITY: DisplayLink Certified dock with 4-port USB hub includes 3x USB-A 5Gbps (1x
fast-charge 1.5A), 1x USB-C up to 10Gbps (15W 3A smartphone/tablet charging) port, Gigabit Ethernet (PXE Boot &
WoL), and a 3.5mm TRRS audio headset/mic jack
• 100W POWER DELIVERY: USB Type-C dock with 100W PD to power & charge high performance
USB-C/Thunderbolt 3 laptops incl. Lenovo X1 Extreme G2, X1 Carbon, Dell XPS15, HP Spectre x360, MacBook Pro
16 (M1 chip or Intel processor), & Surface Laptop 4 (13"/15")
• COMPATIBILITY: DisplayLink certified for universal compatibility where mixed laptop brands are deployed & works
w/ devices from Dell, HP, Lenovo & Apple; supports Windows, macOS, Chrome OS; Port replicator works w/
TB3/TB4, USB4 & USB-C 5Gbps host devices
• EASY SETUP & MANAGEMENT: Quadruple display docking station with K-slot, 3.3ft (1m) USB-C host cable
(USB-IF certified), mounting holes, front On/Off button; optimized ventilation for enhanced cooling
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
MAC Address Changer, USB Event Monitoring, Windows Layout & Wi-Fi Auto Switch utilities




Similar Part No. - DK31C4DPPDUE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DK31C2DHSPDUE STARTECH-DK31C2DHSPDUE Datasheet
94Kb / 6P
USB C Dock - Triple 4K Monitor USB Type-C Docking Station - 100W Power Delivery - DP 1.4 Alt Mode & DSC, 2x DisplayPort 1.4/HDMI 2.0 - 6xUSB (2x 10Gbps) - Windows/Chrome
More results


Similar Description - DK31C4DPPDUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-K60N512 FREESCALE-TWR-K60N512 Datasheet
470Kb / 8P
Low-power MCU with USB Ethernet and security
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
USB Type-C and USB Power Delivery Host Port Controllers
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
TPS25741 TI1-TPS25741_17 Datasheet
2Mb / 68P
USB Type-C and USB Power Delivery Host Port Controllers
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
USB Type-C Port Controller with Power Delivery
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com