Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2E4BTB3 Datasheet (PDF) - StarTech.com Ltd.

M2E4BTB3 Datasheet PDF - StarTech.com Ltd.
Part # M2E4BTB3
Download  M2E4BTB3 Download
File Size   99.9 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Bay Thunderbolt 3 NVMe Enclosure, For M.2 NVMe SSD Drives, 1x DisplayPort Video/ 2x TB3 Downstream Ports, 40Gbps, 72W Power Supply, External Hard Drive Enclosure

M2E4BTB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
M2E4BTB3 Datasheet PDF - StarTech.com Ltd.

Part # M2E4BTB3
Download  M2E4BTB3 Click to download

File Size   99.9 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Bay Thunderbolt 3 NVMe Enclosure, For M.2 NVMe SSD Drives, 1x DisplayPort Video/ 2x TB3 Downstream Ports, 40Gbps, 72W Power Supply, External Hard Drive Enclosure

M2E4BTB3 Datasheet (HTML) - StarTech.com Ltd.


M2E4BTB3 Product details

Applications
• Build a software RAID array with a storage management system like Storage Spaces (Microsoft), RAID Assistant
(macOS), or mdraid/mdadm (Linux)
• Ideal for creative professionals working with large files such as high-resolution graphics, video, and CAD files

Features
• HIGH PERFORMANCE M.2 STORAGE VIA THUNDERBOLT 3 : Turn up to 4 PCIe 80mm M.2 SSDs (M-Key) into
an external TB3 storage solution; Data transfer speeds up to 40Gbps; Downstream TB3 port; DisplayPort video
output; Vented metal enclosure w/thermal pads & fan
• MAXIMIZE DRIVE SPEED: Connect up to four M.2 PCIe NVMe and/or AHCI drives with an 8Gbps PCIe lane
dedicated to each SSD; Supports software RAID with storage management systems like Storage Spaces (Microsoft) ,
RAID Assistant (macOS), mdraid/mdadm (Linux)
• FLEXIBLE PORT OPTIONS: DisplayPort output to connect to a display with resolutions up to 4K 60Hz;
Downstream TB3 port to daisy chain additional TB3 devices or a compatible TB3 display (up to 5K 60Hz); Connected
devices share bandwidth with connected SSDs
• THUNDERBOLT 3 CERTIFIED: Works w/TB3 & TB4 host devices like MacBook Pro 16/13/Air (Dual displays on
Mac w/Intel & M1 Pro/Max Processor; Dual display not supported on M1 Mac), Lenovo ThinkPad X1 Carbon/T
Series, Dell XPS/Latitude/Precision & HP EliteBook
• POWER ADAPTER & THUNDERBOLT 3 CABLE INCLUDED: Self powered with an included 72W EPS power
supply that powers the enclosure, the connected drives and provides 15W to TB3 port; Includes 2.3 ft (70cm) TB3
certified passive cable; NOT COMPATIBLE WITH SATA SSD




Similar Part No. - M2E4BTB3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2E MACOM-M2E Datasheet
415Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M2E MA-COM-M2E Datasheet
1Mb / 3P
Double-Balanced Mixer
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
logo
ebm-papst
M2E052-BF EBMPAPST-M2E052-BF Datasheet
270Kb / 5P
AC centrifugal fan
More results


Similar Description - M2E4BTB3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U357002 TRIPPLITE-U357002 Datasheet
513Kb / 2P
USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5 and 2.5 drives
U457-1M2-NVMEG2 TRIPPLITE-U457-1M2-NVMEG2 Datasheet
172Kb / 3P
USB-C to M.2 NVMe SSD (M-Key) Enclosure Adapter - USB 3.1 Gen 2 (10 Gbps), Thunderbolt 3, UASP
U357-002 TRIPPLITE-U357-002 Datasheet
173Kb / 2P
USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5" and 2.5" drives
logo
Silicom Ltd.
M20SSD SILICOM-M20SSD Datasheet
676Kb / 2P
U.2 to 4 x M.2 NVMe SSD module
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
NVMe U.2 EnduroSLC Industrial Enterprise SSD
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
DC1000B M.2 NVME SSD
logo
Tripp Lite. All Rights ...
U357-1M2-NVMEG2 TRIPPLITE-U357-1M2-NVMEG2 Datasheet
164Kb / 3P
M.2 SSD Enclosure for PlayStation 5 - USB 3.2 Gen 2, PCIe and NVMe, Aluminum Housing
U457-1M2-NVME-L TRIPPLITE-U457-1M2-NVME-L Datasheet
177Kb / 3P
USB-C to M.2 NVMe and SATA SSD (M-Key) Gaming Enclosure Adapter - USB 3.2 Gen 2 (10 Gbps), LEDs
P970-U2M2 TRIPPLITE-P970-U2M2 Datasheet
54Kb / 2P
U.2 to M.2 Adapter for M.2 PCIe NVMe SSD, SFF- 8639
logo
Micron Technology
MTFDKCC6T4TGJ-1BC1ZABYY MICRON-MTFDKCC6T4TGJ-1BC1ZABYY Datasheet
1Mb / 2P
MICRON 9400 NVMe SSD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com