Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2E4BTB3 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # M2E4BTB3
Description  4 Bay Thunderbolt 3 NVMe Enclosure, For M.2 NVMe SSD Drives, 1x DisplayPort Video/ 2x TB3 Downstream Ports, 40Gbps, 72W Power Supply, External Hard Drive Enclosure
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

M2E4BTB3 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  M2E4BTB3 Datasheet HTML 1Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 2Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 3Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 4Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 5Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Software
OS Compatibility
OS Independent; No Software or Drivers Required
Special Notes /
Requirements
Note
Displays Supported: 2
Maximum Digital Resolutions:
Thunderbolt 3 - 5120 x 2880 at 60Hz
DisplayPort - 4086x2160 at 60Hz
- This M.2 enclosure does not provide full power delivery but will
provide 15W of power, resulting in a slow charge to some
laptops, such as MacBook Pro. When the dock is connected to
your host laptop, a charging icon may appear on the screen. This
is only sufficient to charge your laptop in sleep state, and
charging will require an extended time period.
- 5K support can only be achieved using a Thunderbolt 3 5K
monitor. DisplayPort 5K monitors will not work at 5K with this M.2
enclosure
- A 4K-capable display is required to achieve 4K resolution (4K is
also known as 4K x 2K).
- Certain monitors may be limited to 4K at 30Hz when connecting
through DisplayPort. These monitors include the following
models: Dell P2715Q, Viewsonic VX2475Smhl-4K, Philips
288P6LJEB, LG 31MU97C-B, and Asus PB287Q (these models
must be set to 4K at 30Hz).
- When connecting a display to one of the Thunderbolt 3 USB-C
ports, a USB-C video adapter may be required, depending on
the input of your display.
- Secondary Thunderbolt 3 port can also be used to connect
USB 3.2 Gen 2 (10 Gbps) USB-Type C devices, such as USB
3.2 Gen 2 Hubs. Backwards compatible with USB 3.2 Gen 1 (5
Gbps), and USB 2.0.
- Not Compatible with SATA Based M.2 Drives.
Indicators
LED Indicators
1 - Power (Illuminates when powered on)
4 - Drive Activity (Flashes when drive activity is detected)
Power
Power Source
AC Adapter Included
Input Voltage
110 ~ 120 AC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com