Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP2HD4K60S Datasheet (PDF) - StarTech.com Ltd.

MDP2HD4K60S Datasheet PDF - StarTech.com Ltd.
Part # MDP2HD4K60S
Download  MDP2HD4K60S Download
File Size   215.06 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Mini DisplayPort to HDMI Adapter - 4K 60Hz

MDP2HD4K60S Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP2HD4K60S Datasheet PDF - StarTech.com Ltd.

Part # MDP2HD4K60S
Download  MDP2HD4K60S Click to download

File Size   215.06 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Mini DisplayPort to HDMI Adapter - 4K 60Hz

MDP2HD4K60S Datasheet (HTML) - StarTech.com Ltd.


MDP2HD4K60S Product details

Applications
Connect your 4K 60Hz HDMI display to a Mini DisplayPort output port
Deploy this adapter with company laptops to ensure your employees can interface with BYOD displays
around the office
Hassle-free setup with an active Mini DisplayPort conversion

Features
Astonishing picture quality with support for UHD 4K resolution at 60Hz
Maximum portability with a compact, lightweight design
Hassle-free setup with an active Mini DisplayPort conversion
No power adapter required
Plug-and-play installation
Supports HDMI 2.0 displays




Similar Part No. - MDP2HD4K60S

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MDP2HDEC STARTECH-MDP2HDEC Datasheet
86Kb / 3P
Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI
More results


Similar Description - MDP2HD4K60S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P134-003-MDP TRIPPLITE-P134-003-MDP Datasheet
168Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz, (M/F), 3 ft.
P134-06N-MDP TRIPPLITE-P134-06N-MDP Datasheet
169Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz (M/F), 6 in.
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P583-010-BK TRIPPLITE-P583-010-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 10 ft.
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Tripp Lite. All Rights ...
P583-003 TRIPPLITE-P583-003_V01 Datasheet
33Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 3 ft. (0.9 m)
P583-010 TRIPPLITE-P583-010_V01 Datasheet
34Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 10 ft. (3.1 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com