Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP2HDEC Datasheet (PDF) - StarTech.com Ltd.

MDP2HDEC Datasheet PDF - StarTech.com Ltd.
Part # MDP2HDEC
Download  MDP2HDEC Download
File Size   86.15 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI

MDP2HDEC Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP2HDEC Datasheet PDF - StarTech.com Ltd.

Part # MDP2HDEC
Download  MDP2HDEC Click to download

File Size   86.15 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI

MDP2HDEC Datasheet (HTML) - StarTech.com Ltd.


MDP2HDEC Product details

Applications
• Keep the adapter with you while traveling, to connect to any HDMI monitor, projector or television you come across
• Connect your Mini DisplayPort equipped tablet or smartphone to a larger display

Features
• MINI DISPLAYPORT TO HDMI CONVERSION: An upgrade to MDP2HDMI, this Mini DisplayPort 1.2 to HDMI
adapter connects an mDP equipped laptop, MacBook or PC to a single HDMI display supporting resolutions up to
1920x1200p or 1080p 60Hz - 7.1 ch audio - HDCP 1.4
• EXTRA LONG CABLE: Mini DisplayPort to HDMI adapter with 12 inch (30cm) attached cable for extended reach to
reduce port/connector strain on 2-in-1 devices like Surface Pro (1-6) and laptops on riser stands - Compact, portable
design
• WIDE COMPATIBILITY: Passive Mini DP to HDMI display adapter supports mDP++ source including Thunderbolt 1
& 2 MacBooks, MacBook Air & Mac Mini, Microsoft Surface Pro 1-6, desktops (AMD FirePro/NVidia Quadro), laptops,
mini itx computers, Intel NUC & docks
• DISPLAY COMPATIBILITY: External video adapter/converter tested for peak performance at 1920x1200p on a
range of HDMI monitors, projectors and displays including brands like Dell, Samsung, Asus ProArt, Acer & LG
• EASY TO USE: Mini DisplayPort to HDMI dongle supports driverless plug & play setup and is compatible with
macOS, Windows 10, Chrome OS and Ubuntu - mDP male to HDMI female




Similar Part No. - MDP2HDEC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MDP2HD4K60S STARTECH-MDP2HD4K60S Datasheet
215Kb / 4P
Mini DisplayPort to HDMI Adapter - 4K 60Hz
More results


Similar Description - MDP2HDEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P566-006-MINI TRIPPLITE-P566-006-MINI Datasheet
159Kb / 2P
Mini HDMI to DVI Cable, Digital Monitor Adapter Cable (Mini HDMI to DVI-D M/M), 1080P, 6-ft.
P136-000-1 TRIPPLITE-P136-000-1 Datasheet
168Kb / 2P
DisplayPort to HDMI Converter Video Adapter, 1920x1200/1080p (M/F)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
P586-003-HDMI TRIPPLITE-P586-003-HDMI Datasheet
173Kb / 2P
Mini DisplayPort to HDMI Adapter Cable (M/M), 1080p, 3 ft.
P586-012-HDMI TRIPPLITE-P586-012-HDMI Datasheet
167Kb / 2P
Mini-DisplayPort to HDMI Cable Adapter (M/M), 12-ft.
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com