Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP2HDEC Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # MDP2HDEC
Description  Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MDP2HDEC Datasheet(HTML) 3 Page - StarTech.com Ltd.

  MDP2HDEC Datasheet HTML 1Page - StarTech.com Ltd. MDP2HDEC Datasheet HTML 2Page - StarTech.com Ltd. MDP2HDEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 80C (14F to 176F)
Humidity
10%-85%RH
Physical
Characteristics
Color
Black
Material
Plastic
Cable Length
13.0 in [331 mm]
Product Length
15.2 in [38.7 cm]
Product Width
1.0 in [2.6 cm]
Product Height
0.6 in [1.5 cm]
Weight of Product
0.8 oz [24.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.9 in [22.5 cm]
Package Width
4.9 in [12.5 cm]
Package Height
0.0 in [0.1 mm]
Shipping (Package)
Weight
1.1 oz [30.0 g]
What's in the Box
Included in Package
1 - Mini DisplayPort to HDMI Adapter
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com