Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP2HDEC Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # MDP2HDEC
Description  Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MDP2HDEC Datasheet(HTML) 2 Page - StarTech.com Ltd.

  MDP2HDEC Datasheet HTML 1Page - StarTech.com Ltd. MDP2HDEC Datasheet HTML 2Page - StarTech.com Ltd. MDP2HDEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applications
• Keep the adapter with you while traveling, to connect to any HDMI monitor, projector or television you come across
• Connect your Mini DisplayPort equipped tablet or smartphone to a larger display
Features
• MINI DISPLAYPORT TO HDMI CONVERSION: An upgrade to MDP2HDMI, this Mini DisplayPort 1.2 to HDMI
adapter connects an mDP equipped laptop, MacBook or PC to a single HDMI display supporting resolutions up to
1920x1200p or 1080p 60Hz - 7.1 ch audio - HDCP 1.4
• EXTRA LONG CABLE: Mini DisplayPort to HDMI adapter with 12 inch (30cm) attached cable for extended reach to
reduce port/connector strain on 2-in-1 devices like Surface Pro (1-6) and laptops on riser stands - Compact, portable
design
• WIDE COMPATIBILITY: Passive Mini DP to HDMI display adapter supports mDP++ source including Thunderbolt 1
& 2 MacBooks, MacBook Air & Mac Mini, Microsoft Surface Pro 1-6, desktops (AMD FirePro/NVidia Quadro), laptops,
mini itx computers, Intel NUC & docks
• DISPLAY COMPATIBILITY: External video adapter/converter tested for peak performance at 1920x1200p on a
range of HDMI monitors, projectors and displays including brands like Dell, Samsung, Asus ProArt, Acer & LG
• EASY TO USE: Mini DisplayPort to HDMI dongle supports driverless plug & play setup and is compatible with
macOS, Windows 10, Chrome OS and Ubuntu - mDP male to HDMI female
Hardware
Warranty
3 Years
Chipset ID
NXP Semiconductors PTN3361B
Performance
Maximum Cable Distance
To Display
49.9 ft [15.2 m]
Supported Resolutions
HDMI: 1920x1200 / 60Hz
Audio Specifications
HDMI - 7.1 Channel Audio
Connector(s)
Connector A
1 - Mini DisplayPort
Connector B
1 - HDMI (19 pin)
Special Notes /
Requirements
System and Cable
Requirements
DP++ port (DisplayPort ++) required on video card or video
source (DVI and HDMI pass-through must be supported)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com