Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP2HDEC Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MDP2HDEC
Description  Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MDP2HDEC Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MDP2HDEC Datasheet HTML 1Page - StarTech.com Ltd. MDP2HDEC Datasheet HTML 2Page - StarTech.com Ltd. MDP2HDEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to
HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded
Version of MDP2HDMI
Product ID: MDP2HDEC
This Mini DisplayPort to HDMI adapter lets you connect your mDP computer to an HDMI, television, projector or
monitor.
This Mini DP to HDMI adapter is equipped with an extra-long 12" (30cm) attached cable, providing an extended reach
to reduce port and connector strain on 2-in-1 devices or laptops on risers stands.
With support for video resolutions up to 1080p, you'll be surprised at the picture spectacular picture quality this
adapter provides. The adapter harnesses the video capabilities built into your mDP connection to deliver every detail
in stunning high-definition.
This mDP video adapter is highly portable with a small footprint and lightweight design that's easy to tuck into your
laptop bag while commuting between your home, office or traveling for business.
The MDP2HDEC is backed by a 3-year StarTech.com warranty and free lifetime technical support.
Certifications, Reports and Compatibility


Similar Part No. - MDP2HDEC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MDP2HD4K60S STARTECH-MDP2HD4K60S Datasheet
215Kb / 4P
Mini DisplayPort to HDMI Adapter - 4K 60Hz
More results

Similar Description - MDP2HDEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P566-006-MINI TRIPPLITE-P566-006-MINI Datasheet
159Kb / 2P
Mini HDMI to DVI Cable, Digital Monitor Adapter Cable (Mini HDMI to DVI-D M/M), 1080P, 6-ft.
P136-000-1 TRIPPLITE-P136-000-1 Datasheet
168Kb / 2P
DisplayPort to HDMI Converter Video Adapter, 1920x1200/1080p (M/F)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
P586-003-HDMI TRIPPLITE-P586-003-HDMI Datasheet
173Kb / 2P
Mini DisplayPort to HDMI Adapter Cable (M/M), 1080p, 3 ft.
P586-012-HDMI TRIPPLITE-P586-012-HDMI Datasheet
167Kb / 2P
Mini-DisplayPort to HDMI Cable Adapter (M/M), 12-ft.
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com