Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST14DP122HD Datasheet (PDF) - StarTech.com Ltd.

MST14DP122HD Datasheet PDF - StarTech.com Ltd.
Part # MST14DP122HD
Download  MST14DP122HD Download
File Size   85.94 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description DP to Dual HDMI MST HUB - Dual HDMI 4K 60Hz - DisplayPort Multi Monitor Adapter with 1ft / 30cm cable - DP 1.4 Multi Stream Transport Hub, DSC HBR3 - DP to HDMI Splitter

MST14DP122HD Datasheet (PDF)

Go To PDF Page Download Datasheet
MST14DP122HD Datasheet PDF - StarTech.com Ltd.

Part # MST14DP122HD
Download  MST14DP122HD Click to download

File Size   85.94 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description DP to Dual HDMI MST HUB - Dual HDMI 4K 60Hz - DisplayPort Multi Monitor Adapter with 1ft / 30cm cable - DP 1.4 Multi Stream Transport Hub, DSC HBR3 - DP to HDMI Splitter

MST14DP122HD Datasheet (HTML) - StarTech.com Ltd.


MST14DP122HD Product details

Applications
• Mirror or extend your desktop onto two additional UHD monitors, TVs, or projectors
• Utilize additional displays to edit photos, videos, and/or digital content
• Stream high-resolution content to multiple monitors

Features
• HIGH PERFORMANCE: DisplayPort to Dual HDMI MST Hub drives Dual 4K 60Hz displays using a single
DisplayPort port DP 1.4/DSC/HBR3/32.4Gbps/HDR/2.1ch Audio/MST Windows Only Not compatible with macOS
• PRODUCTIVITY: The 2 port DisplayPort 1.4 MST Hub adds dual extended or mirrored HDMI displays to your
workstation in office, or at home, increasing your productivity The DisplayPort to Dual HDMI 4K 60hz adapter is
compatible with lower resolutions
• MULTIPLE MONITORS: This DisplayPort to HDMI adapter drives 2x 4K 60Hz or 2x 1080p 60Hz HDMI displays
using a single DisplayPort port to increase your productivity on Windows PC's Small Footprint ensure it easily fits into
your existing setup
• CONVENIENCE: With a built-in 1ft (30cm) cable and latching DisplayPort connector, this USB powered MST
display adapter connects easily to your computer/monitors Driverless 20inch (50cm) USB power cable included for
easy connection to USB power source
• WIDE COMPATIBILITY: MST (Multi Stream Transport) Hub for desktops or graphics cards Requires host system
with DP 1.4/HBR3/MST or later Works with HP, Dell, Lenovo and AMD, Nvidia & Intel video cards Small Form
Factor (mini / ITX) computers




Similar Part No. - MST14DP122HD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MST14DP123DP STARTECH-MST14DP123DP Datasheet
201Kb / 6P
3-Port DisplayPort MST Hub - DP 1.4
More results


Similar Description - MST14DP122HD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
B156002HDMI TRIPPLITE-B156002HDMI Datasheet
509Kb / 2P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
logo
Tripp Lite. All Rights ...
B155-002-HD-V2 TRIPPLITE-B155-002-HD-V2 Datasheet
494Kb / 3P
2-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-HD-V2 TRIPPLITE-B156-002-HD-V2 Datasheet
498Kb / 3P
2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-HD-V2 TRIPPLITE-B156-003-HD-V2 Datasheet
506Kb / 3P
3-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-004-HD-V2 TRIPPLITE-B156-004-HD-V2 Datasheet
520Kb / 3P
4-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160
B155-003-HD-V2 TRIPPLITE-B155-003-HD-V2 Datasheet
505Kb / 3P
3-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
B155-004-HD-V2 TRIPPLITE-B155-004-HD-V2 Datasheet
514Kb / 3P
4-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com