Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST14DP122HD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # MST14DP122HD
Description  DP to Dual HDMI MST HUB - Dual HDMI 4K 60Hz - DisplayPort Multi Monitor Adapter with 1ft / 30cm cable - DP 1.4 Multi Stream Transport Hub, DSC HBR3 - DP to HDMI Splitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MST14DP122HD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  MST14DP122HD Datasheet HTML 1Page - StarTech.com Ltd. MST14DP122HD Datasheet HTML 2Page - StarTech.com Ltd. MST14DP122HD Datasheet HTML 3Page - StarTech.com Ltd. MST14DP122HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Mirror or extend your desktop onto two additional UHD monitors, TVs, or projectors
• Utilize additional displays to edit photos, videos, and/or digital content
• Stream high-resolution content to multiple monitors
Features
• HIGH PERFORMANCE: DisplayPort to Dual HDMI MST Hub drives Dual 4K 60Hz displays using a single
DisplayPort port DP 1.4/DSC/HBR3/32.4Gbps/HDR/2.1ch Audio/MST Windows Only Not compatible with macOS
• PRODUCTIVITY: The 2 port DisplayPort 1.4 MST Hub adds dual extended or mirrored HDMI displays to your
workstation in office, or at home, increasing your productivity The DisplayPort to Dual HDMI 4K 60hz adapter is
compatible with lower resolutions
• MULTIPLE MONITORS: This DisplayPort to HDMI adapter drives 2x 4K 60Hz or 2x 1080p 60Hz HDMI displays
using a single DisplayPort port to increase your productivity on Windows PC's Small Footprint ensure it easily fits into
your existing setup
• CONVENIENCE: With a built-in 1ft (30cm) cable and latching DisplayPort connector, this USB powered MST
display adapter connects easily to your computer/monitors Driverless 20inch (50cm) USB power cable included for
easy connection to USB power source
• WIDE COMPATIBILITY: MST (Multi Stream Transport) Hub for desktops or graphics cards Requires host system
with DP 1.4/HBR3/MST or later Works with HP, Dell, Lenovo and AMD, Nvidia & Intel video cards Small Form
Factor (mini / ITX) computers
Hardware
Warranty
3 Years
Active or Passive Adapter
Active
AV Input
DisplayPort - 1.4
Ports
2
AV Output
HDMI - 2.0
Audio
Yes
Chipset ID
Synaptics VMM5200
Performance
Maximum Cable Distance
To Display
6.6 ft [2 m]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com